Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 29Page - Texas Instruments TAS5558 Datasheet HTML 30Page - Texas Instruments TAS5558 Datasheet HTML 31Page - Texas Instruments TAS5558 Datasheet HTML 32Page - Texas Instruments TAS5558 Datasheet HTML 33Page - Texas Instruments TAS5558 Datasheet HTML 34Page - Texas Instruments TAS5558 Datasheet HTML 35Page - Texas Instruments TAS5558 Datasheet HTML 36Page - Texas Instruments TAS5558 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 122 page
background image
TAS5558
www.ti.com
SLES273A – APRIL 2013 – REVISED JUNE 2013
4
PWM
4.1
PWM Features
The TAS5558 has eight channels of high-performance digital PWM modulators that are designed to drive
switching output stages (back ends) in both single-ended (SE) and bridge-tied-load (BTL) configurations.
The device uses noise-shaping and sophisticated, error-correction algorithms to achieve high power
efficiency and high-performance digital audio reproduction. The TAS5558 uses an AD/BD/Ternary PWM
modulation scheme combined with a fourth-order noise shaper to provide a >105-dB SNR from 20 Hz to
20 kHz.
The PWM section accepts 32-bit PCM data from the DAP and outputs eight PWM audio output channels
configurable as either:
•
Six channels to drive power stages and two channels to drive a differential-input active filter to provide
a separately controllable stereo lineout
•
Eight channels to drive power stages
The PWM section provides a headphone PWM output to drive an external differential amplifier like the
TPA6139A2. The headphone circuit uses the PWM modulator for channels 1 and 2. The headphone does
not operate while the six or eight back-end drive channels are operating. The headphone is enabled via a
headphone-select terminal.
The PWM section also contains the power-supply volume control (PSVC) PWM.
The interpolator, noise shaper, and PWM sections provide a PWM output with the following features:
•
Up to 8× oversampling
–
4× at fS = 88.2 kHz, 96 kHz
–
2× at fS = 176.4 kHz, 192 kHz
•
Fourth-order noise shaping
•
105-dB dynamic range 0–20 kHz (TAS5558 + TAS5614 system measured at speaker terminals)
•
THD < 0.01%
•
Adjustable modulation limit of 87.4% to 99.2%
•
3.3-V digital signal
4.1.1
DC Blocking (High-Pass Filter Enable/Disable)
Each input channel incorporates a first-order, digital, high-pass filter to block potential dc components. The
filter –3-dB point is approximately 2-Hz at the 96-kHz sampling rate. The high-pass filter can be enabled
and disabled via the I2C system control register 1 (0x03 bit D7). The default setting is 1 (high-pass filter
enabled).
4.1.2
AM Interference Avoidance
Digital amplifiers can degrade AM reception as a result of their RF emissions. Texas Instruments' patented
AM interference-avoidance circuit provides a flexible system solution for a wide variety of digital audio
architectures. During AM reception, the TAS5558 adjusts the radiated emissions to provide an emission-
clear zone for the tuned AM frequency. The inputs to the TAS5558 for this operation are the tuned AM
frequency, the IF frequency, and the sample rate. This PWM rate modification is done by modifying the
output rate of the Sample Rate Converter, and the following DSP and PWM modulator.
Copyright © 2013, Texas Instruments Incorporated
PWM
33
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com