Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 67Page - Texas Instruments TAS5558 Datasheet HTML 68Page - Texas Instruments TAS5558 Datasheet HTML 69Page - Texas Instruments TAS5558 Datasheet HTML 70Page - Texas Instruments TAS5558 Datasheet HTML 71Page - Texas Instruments TAS5558 Datasheet HTML 72Page - Texas Instruments TAS5558 Datasheet HTML 73Page - Texas Instruments TAS5558 Datasheet HTML 74Page - Texas Instruments TAS5558 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
TAS5558
www.ti.com
SLES273A – APRIL 2013 – REVISED JUNE 2013
TOTAL
I2C
REGISTER FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE (hex)
BYTES
SUBADDRESS
0x34
1
PWM_mux_ch1 and 2
See Table 11-21 and Table 11-22
01
0x35
1
PWM_mux_ch3 and 4
See Table 11-21 and Table 11-22
23
0x36
1
PWM_mux_ch5 and 6
See Table 11-21 and Table 11-22
45
0x37
1
PWM_mux_ch7 and 8
See Table 11-21 and Table 11-22
67
0x38
1
IC Delay Channel 0(BD
See Section 11.20
80
Mode)
0x39
1
IC Delay Channel 1(BD
See Section 11.20
00
Mode)
0x3A
1
IC Delay Channel 2(BD
See Section 11.20
C0
Mode)
0x3B
1
IC Delay Channel 3(BD
See Section 11.20
40
Mode)
0x3C
1
IC Delay Channel 4(BD
See Section 11.20
A0
Mode)
0x3D
1
IC Delay Channel 5(BD
See Section 11.20
20
Mode)
0x3E
1
IC Delay Channel 6(BD
See Section 11.20
E0
Mode)
0x3F
1
IC Delay Channel 7(BD
See Section 11.20
60
Mode)
0x40
4
Bank Switching command
Set up DAP coefficients bank
RESERVED
register
switching for banks 1, 2, and 3
41 – 80 2nd Byte – Other 00
42 – 80 6th Byte – Other 00
43 – 80 10th Byte – Other 00
Input mixer registers,
44 – 80 14th Byte – Other 00
0x41–0x48
32/reg.
8×8 input crossbar mixer setup
Ch1–Ch8
45 – 80 18th Byte – Other 00
46 – 80 22nd Byte – Other 00
47 – 80 26th Byte – Other 00
48 – 80 30th Byte – Other 00
0x49
4
Bass Mixer
Input mixer 1 to Ch8 mixer coefficient
0000 0000
0x4A
4
Bass Mixer
Input mixer 2 to Ch8 mixer coefficient
0000 0000
0x4B
4
Bass Mixer
Input mixer 7 to Ch2 mixer coefficient
0000 0000
0x4C
4
Bass Mixer
Bypass Ch7 biquad 2 coefficient
0000 0000
0x4D
4
Bass Mixer
Ch7 biquad 2 coefficient
0080 0000
0x4E
4
Bass Mixer
Ch8 biquad 2 output to Ch1 mixer and
0000 0000
Ch2 mixer coefficient
0x4F
4
Bass Mixer
Bypass Ch8 biquad 2 coefficient
0000 0000
0x50
4
Bass Mixer
Ch8 biquad 2 coefficient
0080 0000
0x51–0x88
20/reg.
Biquad filter register
Ch1–Ch8 biquad filter coefficients
All biquads = 80 2nd byte – other 00
0x89–0x90
8
Bass and treble register,
Bass and treble for Ch1–Ch8
Bass and treble = 80 2nd byte – other 00
Ch1–Ch8
0x91
4
Loudness Log2 LG
Loudness Log2 gain (LG)
0FC0 0000
0x92
8
Loudness Log2 LO
Loudness Log2 offset (LO)
0000 0000
0x93
4
Loudness G
Loudness Gain
0000 0000
0x94
4
Loudness O
Loudness Offset
0000 0000
Loudness biquad coefficient b0
00FE 5045
Loudness biquad coefficient b1
0F81 AA27
0x95
20
Loudness biquad
Loudness biquad coefficient b2
0000 D513
Loudness biquad coefficient a0
0000 0000
Loudness biquad coefficient a1
0FFF 2AED
0x96
4
DRC1 control Ch1–Ch7
DRC1 control Ch1–Ch7
00 00 00 00
0x97
4
DRC2 control register, Ch8
DRC2 control Ch8
00 00 00 00
Ch1–Ch7, DRC1 energy
DRC1 energy
0000 883F 007F 77C0
0x98
8
Ch1–Ch7,
DRC1 (1 – energy)
DRC1 (1 – energy)
Copyright © 2013, Texas Instruments Incorporated
71
Serial-Control I2C Register Summary
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com