Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 18Page - Texas Instruments TAS5558 Datasheet HTML 19Page - Texas Instruments TAS5558 Datasheet HTML 20Page - Texas Instruments TAS5558 Datasheet HTML 21Page - Texas Instruments TAS5558 Datasheet HTML 22Page - Texas Instruments TAS5558 Datasheet HTML 23Page - Texas Instruments TAS5558 Datasheet HTML 24Page - Texas Instruments TAS5558 Datasheet HTML 25Page - Texas Instruments TAS5558 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
TAS5558
SLES273A – APRIL 2013 – REVISED JUNE 2013
www.ti.com
For post-SRC 192-kHz data, the TAS5558 has two bass and treble tone controls. Each control has a ±18-
dB I2C control range with selectable corner frequencies and second-order slopes. These controls operate
two channel groups:
•
L, R and C
•
Sub
–
Sub only has bass and no treble.
The bass and treble filters use a soft update rate that does not produce artifacts during adjustment.
Table 3-2. Bass and Treble Filter Selections
3-dB CORNER FREQUENCIES, Hz
fS
FILTER SET 1
FILTER SET 2
FILTER SET 3
FILTER SET 4
FILTER SET 5
(kHz)
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
88.2
115
2527
230
5053
345
8269
402
10106
459
11944
96
125
2750
250
5500
375
9000
438
11000
500
13000
176.4
230
5053
459
10106
689
16538
804
20213
919
23888
192
250
5500
500
11000
750
18000
875
22000
1000
26000
The I2C registers that control bass and treble are:
•
Bass and treble bypass register (0x89–0x90, channels 1–8)
•
Bass and treble slew rates (0xD0)
•
Bass filter sets 1–5 (0xDA)
•
Bass filter index (0xDB)
•
Treble filter sets 1–5 (0xDC)
•
Treble filter index (0xDD)
NOTE
The bass and treble bypass registers (0x89–0x90) are defaulted to the bypass mode. In
order to use the bass and treble, these registers must be in the inline (or enabled) mode for
each channel using bass and treble.
3.6
Volume, Automute, and Mute
The TAS5558 provides individual channel and master volume controls. Each control provides an
adjustment range of 18 dB to –127 dB in 0.25-dB increments. This permits a total volume device control
range of 36 dB to –127 dB plus mute. The master volume control can be configured to control six or eight
channels.
The TAS5558 has a master soft mute control that can be enabled by a terminal or I2C command. The
device also has individual channel soft mute controls that are enabled via I2C.
3.7
Loudness Compensation
The loudness compensation function compensates for the Fletcher-Munson loudness curves. The
TAS5558 loudness implementation tracks the volume control setting to provide spectral compensation for
weak low- or high-frequency response at low volume levels. For the volume tracking function, both linear
and logarithmic control laws can be implemented. Any biquad filter response can be used to provide the
desired loudness curve. The control parameters for the loudness control are programmable via the I2C
interface.
The TAS5558 has a single set of loudness controls for the eight channels. In 6-channel mode, loudness is
available to the six speaker outputs and also to the line outputs. The loudness control input uses the
maximum individual master volume (V) to control the loudness that is applied to all channels. In the 192-
kHz and 176.4-kHz modes, the loudness function is active only for channels 1, 2, and 8.
22
TAS5558 DAP Architecture
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com