Electronic Components Datasheet Search
  English  ▼

X  

TAS5558 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5558 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5558 Datasheet HTML 5Page - Texas Instruments TAS5558 Datasheet HTML 6Page - Texas Instruments TAS5558 Datasheet HTML 7Page - Texas Instruments TAS5558 Datasheet HTML 8Page - Texas Instruments TAS5558 Datasheet HTML 9Page - Texas Instruments TAS5558 Datasheet HTML 10Page - Texas Instruments TAS5558 Datasheet HTML 11Page - Texas Instruments TAS5558 Datasheet HTML 12Page - Texas Instruments TAS5558 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
TAS5558
www.ti.com
SLES273A – APRIL 2013 – REVISED JUNE 2013
The I2C supports a special mode which permits I2C write operations to be broken up into multiple data-
write operations that are multiples of 4 data bytes. These are 6-byte, 10-byte, 14-byte, 18-byte, etc., write
operations that are composed of a device address, read/write bit, subaddress, and any multiple of 4 bytes
of data. This permits the system to incrementally write large register values with multiple 4 byte transfers.
I2C transactions. In order to use this feature, the first block of data is written to the target I2C address, and
each subsequent block of data is written to a special append register (0xFE) until all the data is written
and a stop bit is sent. An incremental read operation is not supported using 0xFE.
2.4.5
Device Control
The control section provides the control and sequencing for the TAS5558. The device control provides
both high- and low-level control for the serial control interface, clock and serial data interfaces, digital
audio processor, and pulse-width modulator sections.
2.4.6
Energy Manager
Energy Manager monitors the overall energy (power) in the system. It can be programmed to monitor the
energy of all channels or satellite and sub separately. The output of energy manager, all called EMO, is a
flag that is set when the energy level crosses above the programmed threshold. This level is indicated in
internal status registers as well as in pin output.
2.4.7
Digital Audio Processor (DAP)
The DAP arithmetic unit is used to implement all audio-processing functions: soft volume, loudness
compensation, bass and treble processing, dynamic range control, channel filtering, and input and output
mixing. Figure 3-1 shows the TAS5558 DAP architecture.
2.4.7.1
TAS5558 Audio-Processing Configurations
The 32-kHz to 96-kHz configuration supports eight channels of data processing that can be configured
either as eight channels, or as six channels with two channels for separate stereo line outputs. All data is
SRC'd to 96kHz in this mode, and processed in the DAP at 96kHz.
The 176.4-kHz to 192-kHz configuration supports four channels of signal processing with two channels
passed through (or derived from the three processed channels).
To support efficiently the processing requirements of both multichannel 32-kHz to 96-kHz data and the 6-
channel 176.4-kHz and 192-kHz data, the TAS5558 has separate audio-processing features for 32-kHz to
96-kHz data rates and for 176.4 kHz and 192 kHz. See Table 2-2 for a summary of TAS5558 processing
feature sets.
Copyright © 2013, Texas Instruments Incorporated
Device Information
9
Submit Documentation Feedback
Product Folder Links: TAS5558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com