Electronic Components Datasheet Search
  English  ▼

X  

AFE5809ZCF Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 5 Page - Texas Instruments

  AFE5809ZCF Datasheet HTML 1Page - Texas Instruments AFE5809ZCF Datasheet HTML 2Page - Texas Instruments AFE5809ZCF Datasheet HTML 3Page - Texas Instruments AFE5809ZCF Datasheet HTML 4Page - Texas Instruments AFE5809ZCF Datasheet HTML 5Page - Texas Instruments AFE5809ZCF Datasheet HTML 6Page - Texas Instruments AFE5809ZCF Datasheet HTML 7Page - Texas Instruments AFE5809ZCF Datasheet HTML 8Page - Texas Instruments AFE5809ZCF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
PINOUT INFORMATION
Top View
ZCF (BGA-135)
1
2
3
4
5
6
7
8
9
A
AVDD
INP8
INP7
INP6
INP5
INP4
INP3
INP2
INP1
B
CM_BYP
ACT8
ACT7
ACT6
ACT5
ACT4
ACT3
ACT2
ACT1
C
AVSS
INM8
INM7
INM6
INM5
INM4
INM3
INM2
INM1
D
AVSS
AVSS
AVSS
AVSS
AVSS
AVSS
AVSS
AVDD
AVDD
E
CW_IP_AMPINP
CW_IP_AMPINM
AVSS
AVSS
AVSS
AVSS
AVSS
AVDD
AVDD
F
CW_IP_OUTM
CW_IP_OUTP
AVSS
AVSS
AVSS
AVSS
AVSS
CLKP_16X
CLKM_16X
G
AVSS
AVSS
AVSS
AVSS
AVSS
AVSS
AVSS
CLKP_1X
CLKM_1X
H
CW_QP_OUTM
CW_QP_OUTP
AVSS
AVSS
AVSS
AVSS
AVSS
PDN_GLOBAL
RESET
J
CW_QP_AMPINP
CW_QP_AMPINM
AVSS
AVSS
AVSS
AVDD_ADC
AVDD_ADC
PDN_VCA
SCLK
K
AVDD
AVDD_5V
VCNTLP
VCNTLM
VHIGH
AVSS
DNC
AVDD_ADC
SDATA
L
CLKP_ADC
CLKM_ADC
AVDD_ADC
REFM
DNC
LDO_EN
TX_SYNC_IN
PDN_ADC
SEN
M
AVDD_ADC
AVDD_ADC
VREF_IN
REFP
DNC
LDO_SETV
SPI_DIG_EN
DNC
SDOUT
N
D8P
D8M
DVDD
DVDD_LDO1
DVSS
DVDD_LDO2
DVDD
D1M
D1P
P
D7M
D6M
D5M
FCLKM
DVSS
DCLKM
D4M
D3M
D2M
R
D7P
D6P
D5P
FCLKP
DVSS
DCLKP
D4P
D3P
D2P
PIN FUNCTIONS
PIN
DESCRIPTION
NO.
NAME
B9 to B2
ACT1...ACT8
ActI've termination input pins for CH1 to 8.
A1, D8, D9,
AVDD
3.3 V Analog supply for LNA, VCAT, PGA, LPF and CWD blocks.
E8, E9, K1
K2
AVDD_5V
5 V Analog supply for LNA, VCAT, PGA, LPF and CWD blocks.
J6, J7, K8, L3,
AVDD_ADC
1.8 V Analog power supply for ADC.
M1, M2
C1, D1 to D7,
E3 to E7, F3 to
F7, G1 to G7,
AVSS
Analog ground.
H3 to H7,J3
toJ5, K6
Negative input of differential ADC clock. In the single-end clock mode, it can be tied to GND directly or
L2
CLKM_ADC
through a 0.1 µF capacitor.
Positive input of differential ADC clock. In the single-end clock mode, it can be tied to clock signal
L1
CLKP_ADC
directly or through a 0.1 µF capacitor.
Negative input of differential CW 16X clock. Tie to GND when the CMOS clock mode is enabled. In the
4X, and 8X CW clock modes, this pin becomes the 4X or 8X CLKM input. In the 1X CW clock mode,
F9
CLKM_16X
this pin becomes the quadrature-phase 1X CLKM for the CW mixer. Can be floated if CW mode is not
used. See register 0x36[11:10].
Positive input of differential CW 16X clock. In 4X, and 8X clock modes, this pin becomes the 4X, and
F8
CLKP_16X
8X CLKP input. In the 1X CW clock mode, this pin becomes the quadrature-phase 1X CLKP for the
CW mixer. Can be floated if CW mode is not used. See register 0x36[11:10].
Negative input of differential CW 1X clock. Tie to GND when the CMOS clock mode is enabled (Refer
G9
CLKM_1X
to Figure 100 for details). In the 1X clock mode, this pin is the In-phase 1X CLKM for the CW mixer.
Can be floated if CW mode is not used.
Positive input of differential CW 1X clock. In the 1X clock mode, this pin is the In-phase 1X CLKP for
G8
CLKP_1X
the CW mixer. Can be floated if CW mode is not used.
Bias voltage and bypass to ground. 1µF is recommended. To suppress the ultra low frequency noise,
B1
CM_BYP
10µF can be used.
Negative differential input of the In-phase summing amplifier. External LPF capacitor has to be
connected between CW_IP_AMPINM and CW_IP_OUTP. This pin provides the current output for the
E2
CW_IP_AMPINM
CW mixer. This pin becomes the CH7 PGA negative output when PGA test mode is enabled. Can be
floated if not used.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com