Electronic Components Datasheet Search
  English  ▼

X  

AFE5809ZCF Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 20Page - Texas Instruments AFE5809ZCF Datasheet HTML 21Page - Texas Instruments AFE5809ZCF Datasheet HTML 22Page - Texas Instruments AFE5809ZCF Datasheet HTML 23Page - Texas Instruments AFE5809ZCF Datasheet HTML 24Page - Texas Instruments AFE5809ZCF Datasheet HTML 25Page - Texas Instruments AFE5809ZCF Datasheet HTML 26Page - Texas Instruments AFE5809ZCF Datasheet HTML 27Page - Texas Instruments AFE5809ZCF Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
AFE5809
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
www.ti.com
TIMING CHARACTERISTICS
(1)
Typical values are at 25°C, AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, Differential clock, CLOAD =
5 pF, RLOAD = 100Ω, 14Bit, sample rate = 65MSPS, digital demodulator is disabled, unless otherwise noted. Minimum and
maximum values are across the full temperature range TMIN = 0°C to TMAX = 85°C with AVDD_5 V = 5 V, AVDD = 3.3 V,
AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
The delay in time between the rising edge of the input sampling
ta
Aperture delay
0.7
3
ns
clock and the actual time at which the sampling occurs
Aperture delay
Across channels within the same device
±150
ps
matching
tj
Aperture jitter
450
Fs rms
Input
ADC latency
Default, after reset, or / 0 x 2 [12] = 1, LOW_LATENCY = 1
11/8
clock
cycles
Data and frame clock
Input clock rising edge (zero cross) to frame clock rising edge (zero
tdelay
3
5.4
7
ns
delay
cross) minus 3/7 of the input clock period (T).
Δtdelay
Delay variation
At fixed supply and 20°C T difference. Device to device
–1
1
ns
tRISE
0.14
Data rise time Data fall
Rise time measured from –100 mV to 100 mV Fall time measured
ns
time
from 100 mV to –100 mV 10 MHz < fCLKIN < 65 MHz
tFALL
0.15
tFCLKRISE
0.14
Frame clock rise time
Rise time measured from –100 mV to 100 mV Fall time measured
ns
Frame clock fall time
from 10 0mV to –100 mV 10 MHz < fCLKIN < 6 5 MHz
tFCLKFALL
0.15
Frame clock duty cycle
Zero crossing of the rising edge to zero crossing of the falling edge
48%
50%
52%
tDCLKRISE
0.13
Bit clock rise time Bit
Rise time measured from –100 mV to 100 mV Fall time measured
ns
clock fall time
from 100 mV to –10 0mV 10 MHz < fCLKIN < 65 MHz
tDCLKFALL
0.12
Zero crossing of the rising edge to zero crossing of the falling edge
Bit clock duty cycle
46%
54%
10 MHz < fCLKIN < 65 MHz
(1)
Timing parameters are ensured by design and characterization; not production tested.
OUTPUT INTERFACE TIMING (14-bit)
(1) (2) (3)
Setup Time (tsu), ns
Hold Time (th), ns
tPROG = (3/7)x T + tdelay, ns
(for output data and frame clock)
(for output data and frame clock)
fCLKIN,
Input Clock
Input Clock Zero-Cross (rising edge)
Data Valid to Input Clock Zero-
Input Clock Zero-Crossing to Data
Frequency
to Frame Clock Zero-Cross (rising
Crossing
Invalid
edge)
MHz
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
0.24
0.37
0.24
0.38
11
12
12.5
50
0.41
0.54
0.46
0.57
13
13.9
14.4
40
0.55
0.70
0.61
0.73
15
16
16.7
30
0.87
1.10
0.94
1.1
18.5
19.5
20.1
20
1.30
1.56
1.46
1.6
25.7
26.7
27.3
(1)
FCLK timing is the same as for the output data lines. It has the same relation to DCLK as the data pins. Setup and hold are the same
for the data and the frame clock.
(2)
Data valid is logic HIGH = +100 mV and logic LOW = -100 mV
(3)
Timing parameters are ensured by design and characterization; not production tested.
NOTE
The above timing data can be applied to 12-bit or 16-bit LVDS rates as well. For example,
the maximum LVDS output rate at 65MHz and 14-bit is equal to 910 MSPS, which is
approximately equivalent to the rate at 56 MHz and 16-bit.
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com