Electronic Components Datasheet Search
  English  ▼

X  

AFE5809ZCF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 2Page - Texas Instruments AFE5809ZCF Datasheet HTML 3Page - Texas Instruments AFE5809ZCF Datasheet HTML 4Page - Texas Instruments AFE5809ZCF Datasheet HTML 5Page - Texas Instruments AFE5809ZCF Datasheet HTML 6Page - Texas Instruments AFE5809ZCF Datasheet HTML 7Page - Texas Instruments AFE5809ZCF Datasheet HTML 8Page - Texas Instruments AFE5809ZCF Datasheet HTML 9Page - Texas Instruments AFE5809ZCF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
AFE5809
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
www.ti.com
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NO.
NAME
Positive differential input of the In-phase summing amplifier. External LPF capacitor has to be
connected between CW_IP_AMPINP and CW_IP_OUTM. This pin provides the current output for the
E1
CW_IP_AMPINP
CW mixer. This pin becomes the CH7 PGA positive output when PGA test mode is enabled. Can be
floated if not used.
Negative differential output for the In-phase summing amplifier. External LPF capacitor has to be
F1
CW_IP_OUTM
connected between CW_IP_AMPINP and CW_IP_OUTPM. Can be floated if not used.
Positive differential output for the In-phase summing amplifier. External LPF capacitor has to be
F2
CW_IP_OUTP
connected between CW_IP_AMPINM and CW_IP_OUTP. Can be floated if not used.
Negative differential input of the quadrature-phase summing amplifier. External LPF capacitor has to
CW_QP_AMPIN
be connected between CW_QP_AMPINM and CW_QP_OUTP. This pin provides the current output for
J2
M
the CW mixer. This pin becomes CH8 PGA negative output when PGA test mode is enabled. Can be
floated if not used.
Positive differential input of the quadrature-phase summing amplifier. External LPF capacitor has to be
connected between CW_QP_AMPINP and CW_QP_OUTM. This pin provides the current output for
J1
CW_QP_AMPINP
the CW mixer. This pin becomes CH8 PGA positive output when PGA test mode is enabled. Can be
floated if not used.
Negative differential output for the quadrature-phase summing amplifier. External LPF capacitor has to
H1
CW_QP_OUTM
be connected between CW_QP_AMPINP and CW_QP_OUTM. Can be floated if not used.
Positive differential output for the quadrature-phase summing amplifier. External LPF capacitor has to
H2
CW_QP_OUTP
be connected between CW_QP_AMPINM and CW_QP_OUTP. Can be floated if not used.
N8, P9~P7, P3
D1M to D8M
ADC CH1 to 8 LVDS negative outputs
to P1, N2
N9, R9~R7,
D1P to D8P
ADC CH1 to 8 LVDS positive outputs
R3 to R1, N1
P6
DCLKM
LVDS bit clock (7x) negative output
R6
DCLKP
LVDS bit clock (7x) positive output
N3, N7
DVDD
ADC digital and I/O power supply, 1.8 V
N5, P5, R5
DVSS
ADC digital ground
DVDD_LDO1,
Demodulator digital power supply generated internally. These two pins should be separated on PCB
N4, N6
DVDD_LDO2
and decoupled respectively with 0.1µF capacitors.
P4
FCLKM
LVDS frame clock (1X) negative output
R4
FCLKP
LVDS frame clock (1X) positive output
CH1 to 8 complimentary analog inputs. Bypass to ground with
≥ 0.015µF capacitors. The HPF
C9 to C2
INM1…INM8
response of the LNA depends on the capacitors.
A9 to A2
INP1...INP8
CH1to 8 analog inputs. AC couple to inputs with
≥ 0.1µF capacitors.
L6
LDO_EN
Must be tied to 1.8 V DVDD.
M6
LDO_SETV
Must be tied to 1.8 V DVDD.
ADC partial (fast) power down control pin with an internal pull down resistor of 100 k
Ω. Active High.
L8
PDN_ADC
Either 1.8 V or 3.3 logic level can be used.
VCA partial (fast) power down control pin with an internal pull down resistor of 20 k
Ω. Active High. 3.3
J8
PDN_VCA
V logic level should be used.
Global (complete) power-down control pin for the entire chip with an internal pull down resistor of 20
H8
PDN_GLOBAL
k
Ω. Active High. 3.3 V logic level should be used.
0.5 V reference output in the internal reference mode. Must leave floated in the internal reference
L4
REFM
mode. Adding a test point on the PCB is recommended for monitoring the reference output
1.5 V reference output in the internal reference mode. Must leave floated in the internal reference
M4
REFP
mode. Adding a test point on the PCB is recommended for monitoring the reference output
Hardware reset pin with an internal pull-down resistor of 20 k
Ω. Active high. 3.3 logic level can be
H9
RESET
used.
Serial interface clock input with an internal pull-down resistor of 20 k
Ω. This pin is connected to both
J9
SCLK
ADC and VCA. 3.3 V logic should be used.
Serial interface data input with an internal pull-down resistor of 20 k
Ω. This pin is connected to both
K9
SDATA
ADC and VCA. 3.3 V logic should be used.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com