Electronic Components Datasheet Search
  English  ▼

X  

AFE5809ZCF Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 45Page - Texas Instruments AFE5809ZCF Datasheet HTML 46Page - Texas Instruments AFE5809ZCF Datasheet HTML 47Page - Texas Instruments AFE5809ZCF Datasheet HTML 48Page - Texas Instruments AFE5809ZCF Datasheet HTML 49Page - Texas Instruments AFE5809ZCF Datasheet HTML 50Page - Texas Instruments AFE5809ZCF Datasheet HTML 51Page - Texas Instruments AFE5809ZCF Datasheet HTML 52Page - Texas Instruments AFE5809ZCF Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
Profile RAM and Coefficient RAM
Writing data to Profile RAM and Coefficient RAM is similar to registers. Both RAMs do not get reset after
resetting the device. RAM does not have default values, so it is necessary to write required values to RAM. RAM
address values needs to be given to pointer register that points to the location wherever data needs to be written.
Since both RAMs are part of Demodulator, SPI_DIG_EN should be low while writing.
It is recommended to program the RAMs before configuring other registers.
Table 18. Profile Related Registers
Register Name
SPI Address
PROFILE_MEM_ADDR_WR
0x08[4:0]
PROFILE_BANK
0x09[63:0]
PROFILE_INDEX
0x0E[15:11]
spacer
•
Profile RAM can store up to 32 Vectors/Profiles. Each Vector/Profile has 64 bits.
•
Pointer Value should be given to the register PROFILE_MEM_ADDR_WR before writing to RAM.
•
The 64 bits of each Vector/Profile are arranged as follows:
Table 19. Profile RAM
Name of parameter
Address
Description
Reserved
RAM[63:50]
Set to 0
Reserved
RAM[49:36]
Set to 0
Pointer to Coeff Memory (P)*
RAM[35:28]
A pointer to filter coefficient memory (8 bit), pointing to 8coefficients
blocks. The relevant coefficients will start from address P*8 in the
coefficients memory and will continue for M blocks.
Decimation Factor (M)*
RAM[27:22]
Decimation Factor for Decimation Block
Down Conversion Frequency (f)*
RAM[21:6]
Down Conversion frequency for Down Conversion Block
Reserved
RAM[5]
Set to 0
Gain Compensation Factor (G) *
RAM[4:2]
Gain Compensation Factor Parameter for Decimation block
*Alternate manual register is available
• 2 LSB’s (that is RAM[1:0]) are ignored and can be set as 0s.
• A particular profile vector can be activated using register PROFILE_INDEX. Address pointing to the location of particular vector is to be
given in PROFILE_INDEX.
Table 20. Coefficient RAM
Register Name
SPI Address
COEFF_MEM_ADDR_WR
0x06[7:0]
COEFF_BANK
0x07[111:0]
MANUAL_COEFF_START_ADDR
0x1F[14:7]
MANUAL_COEFF_START_EN
0x1F[15]
spacer
•
Coefficient RAM can store up to 256 coefficient memory blocks. Size of each block is 112 bits.
•
Pointer Value should be given to the register COEFF_MEM_ADDR_WR before writing to RAM.
•
Write 112 bits to SPI address 0xC7 (MSB first). Each coefficient memory block consists of 8 14bit coefficients
which are aligned in the following manner: (Coefficient order from right to left. Bit order from right to left).
•
Note: the coefficients are in 2's complement format.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com