Electronic Components Datasheet Search
  English  ▼

X  

AFE5809ZCF Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 4Page - Texas Instruments AFE5809ZCF Datasheet HTML 5Page - Texas Instruments AFE5809ZCF Datasheet HTML 6Page - Texas Instruments AFE5809ZCF Datasheet HTML 7Page - Texas Instruments AFE5809ZCF Datasheet HTML 8Page - Texas Instruments AFE5809ZCF Datasheet HTML 9Page - Texas Instruments AFE5809ZCF Datasheet HTML 10Page - Texas Instruments AFE5809ZCF Datasheet HTML 11Page - Texas Instruments AFE5809ZCF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
u
8CH_SNR
-
10
N
10
1
1
C
=
x
-
1CH_SNR
N + N
56
7
-
C
10
10
AFE5809
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1 µF at INP and bypassed to
ground with 15 nF at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14Bit, sample rate =
65MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, Single-ended VCNTL mode, VCNTLM = GND, ADC
configured in internal reference mode, internal 500
Ω CW feedback resistor, CMOS CW clocks, at ambient temperature TA =
25°C, Digital demodulator is disabled unless otherwise noted. Min and max values are specified across full-temperature range
with AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
TGC FULL SIGNAL CHANNEL (LNA+VCAT+LPF+ADC)
Rs = 0
Ω, f = 2 MHz, LNA = 24, 18, 12 dB, PGA = 2 4dB
0.76, 0.83, 1.16
Input voltage noise over LNA Gain(low
nV/rtHz
noise mode)
Rs = 0
Ω, f = 2 MHz,LNA = 24, 18, 12 dB, PGA = 30 dB
0.75, 0.86, 1.12
Rs = 0
Ω, f = 2 MHz,LNA = 24, 18, 12 dB, PGA = 24 dB
1.1, 1.2, 1.45
Input voltage noise over LNA Gain(low
en (RTI)
nV/rtHz
power mode)
Rs = 0
Ω, f = 2 MHz, LNA = 24, 18, 12 dB, PGA = 30 dB
1.1, 1.2, 1.45
Rs = 0
Ω, f = 2 MHz,LNA = 24, 18, 12 dB, PGA = 24 dB
1, 1.05, 1.25
Input Voltage Noise over LNA
nV/rtHz
Gain(Medium Power Mode)
Rs = 0
Ω, f = 2 MHz, LNA = 24, 18, 12 dB, PGA = 30 dB
0.95, 1, 1.2
en (RTI)
Input voltage noise at low frequency
f = 100 KHz, INM Cap=1uF, PGA integrator disabled
0.9
nV/rtHz
Input referred current noise
Low Noise Mode/Medium Power Mode/Low Power Mode
2.7, 2.1, 2
pA/rtHz
Rs = 200
Ω, 200Ω active termination, PGA=24dB,LNA = 12, 18, 24 dB
3.85, 2.4, 1.8
dB
NF
Noise figure
Rs = 100
Ω, 100 Ω active termination, PGA = 2 4dB,LNA = 12, 18, 24 dB
5.3, 3.1, 2.3
dB
NF
Noise figure
Rs = 500
Ω, 1KΩ, no terminaiton, Low NF mode is enabled (Reg53[9]=1)
0.94, 1.08
dB
NF
Noise figure
Rs=50
Ω/200Ω, no terminaiton, Low noise mode (Reg53[9]=0)
2.35, 1.05
dB
VMAX
Maximum Linear Input Voltage
LNA gain = 24, 18, 12 dB
250, 500, 1000
mVpp
VCLAMP
Clamp Voltage
Reg52[10:9] = 0, LNA = 24, 18, 12 dB
350, 600, 1150
Low noise mode
24, 30
PGA Gain
dB
Medium/Low power mode
24, 28.5
LNA = 2 4dB, PGA = 30 dB, Low noise mode
54
Total gain
LNA = 24 dB, PGA = 30 dB, Med power mode
52.5
dB
LNA = 24 dB, PGA = 30 dB, Low power mode
52.5
Ch-CH Noise Correlation Factor without
Summing of 8 channels
0
Signal
(1)
Full band (VCNTL = 0, 0.8)
0.15, 0.17
Ch-CH Noise Correlation Factor with
Signal
(1)
1MHz band over carrier (VCNTL= 0, 0.8)
0.18, 0.75
VCNTL= 0.6V(22 dB total channel gain)
68
70
Signal to Noise Ratio (SNR)
VCNTL= 0, LNA = 18dB, PGA = 24dB
59.3
63
dBFS
VCNTL= 0, LNA = 24dB, PGA = 24dB
58
Narrow Band SNR
SNR over 2 MHz band around carrier at VCNTL = 0.6 V ( 22 dB total gain)
75
77
dBFS
Input Common-mode Voltage
At INP and INM pins
2.4
V
8
k
Ω
Input resistance
Preset active termination enabled
50,100,200,400
Ω
Input capacitance
20
pF
Input Control Voltage
VCNTLP - VCNTLM
0
1.5
V
Common-mode voltage
VCNTLP and VCNTLM
0.75
V
Gain Range
-40
dB
Gain Slope
VCNTL= 0.1 V to 1.1V
35
dB/V
Input Resistance
Between VCNTLP and VCNTLM
200
K
Ω
Input Capacitance
Between VCNTLP and VCNTLM
1
pF
TGC Response Time
VCNTL= 0V to 1.5V step function
1.5
µs
3rd order-Low-pass Filter
10, 15, 20, 30
MHz
Settling time for change in LNA gain
14
µs
Settling time for change in active
1
µs
termination setting
(1)
Noise correlation factor is defined as Nc/(Nu+Nc), where Nc is the correlated noise power in single channel; and Nu is the uncorrelated
noise power in single channel. Its measurement follows the below equation, in which the SNR of single channel signal and the SNR of
summed eight channel signal are measured.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com