Electronic Components Datasheet Search
  English  ▼

X  

AFE5809ZCF Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 12Page - Texas Instruments AFE5809ZCF Datasheet HTML 13Page - Texas Instruments AFE5809ZCF Datasheet HTML 14Page - Texas Instruments AFE5809ZCF Datasheet HTML 15Page - Texas Instruments AFE5809ZCF Datasheet HTML 16Page - Texas Instruments AFE5809ZCF Datasheet HTML 17Page - Texas Instruments AFE5809ZCF Datasheet HTML 18Page - Texas Instruments AFE5809ZCF Datasheet HTML 19Page - Texas Instruments AFE5809ZCF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
0
10
20
30
40
50
60
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.1
0.2
0.3
0.4
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Phase Noise
Frequency Offset (Hz)
PN 1 Ch
PN 8 Ch
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Eight Channel CW PN
Offset frequency (Hz)
16X Clock Mode
8X Clock Mode
4X Clock Mode
−40
−35
−30
−25
−20
−15
−10
−5
0
5
10
100
500
HPF CHARECTERISTICS (LNA+VCA+PGA+ADC)
Frequency (KHz)
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Single Channel CW PN
Offset frequency (Hz)
16X Clock Mode
8X Clock Mode
4X Clock Mode
AFE5809
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 15. Full Channel High-Pass Filter Response at
Figure 16. CW Phase Noise, FIN = 2 MHz
Default Register Setting
Figure 17. CW Phase Noise, FIN = 2 MHz, 1 Channel vs 8
Figure 18. CW Phase Noise vs Clock Modes, FIN= 2 MHz
Channel
Figure 19. IRN, PGA = 24 dB and Low Noise Mode
Figure 20. IRN, PGA = 24 dB and Low Noise Mode
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com