Electronic Components Datasheet Search
  English  ▼

X  

AFE5809ZCF Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 3Page - Texas Instruments AFE5809ZCF Datasheet HTML 4Page - Texas Instruments AFE5809ZCF Datasheet HTML 5Page - Texas Instruments AFE5809ZCF Datasheet HTML 6Page - Texas Instruments AFE5809ZCF Datasheet HTML 7Page - Texas Instruments AFE5809ZCF Datasheet HTML 8Page - Texas Instruments AFE5809ZCF Datasheet HTML 9Page - Texas Instruments AFE5809ZCF Datasheet HTML 10Page - Texas Instruments AFE5809ZCF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NO.
NAME
Serial interface data readout. High impedance when readout is disabled. This pin is connected to ADC
M9
SDOUT
only. 1.8 V logic can be used.
Serial interface enable with an internal pull up resistor of 20 k
Ω. Active low. This pin is connected to
L9
SEN
both ADC and VCA. 3.3V logic should be used.
Serial interface enable for the digital demodulator memory space. SPI_DIG_EN pin is required to be
set to '0' during SPI transactions to demodulator registers. Each transaction starts by setting SEN as '0'
M7
SPI_DIG_EN
and terminates by setting it back to '1' (similar to other register transactions). Pull up internally through
a 20 K
Ω resistor. This pin is connected to both ADC and VCA. 3.3V logic should be used.
System trig signal input. It indicates the start of signal transmission. Either 3. 3 V or 1. 8 V logic level
L7
TX_SYNC_IN
can be used.
K4
VCNTLM
Negative differential attenuation control pin.
K3
VCNTLP
Positive differential attenuation control pin
K5
VHIGH
Bias voltage; bypass to ground with
≥ 1 µF.
M3
VREF_IN
ADC 1.4V reference input in the external reference mode; bypass to ground with 0.1µF.
K7,L5, M5, M8
DNC
Do not connect. Must leave floated
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com