Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 4 Page - Analog Devices

  ADP5063 Datasheet HTML 1Page - Analog Devices ADP5063 Datasheet HTML 2Page - Analog Devices ADP5063 Datasheet HTML 3Page - Analog Devices ADP5063 Datasheet HTML 4Page - Analog Devices ADP5063 Datasheet HTML 5Page - Analog Devices ADP5063 Datasheet HTML 6Page - Analog Devices ADP5063 Datasheet HTML 7Page - Analog Devices ADP5063 Datasheet HTML 8Page - Analog Devices ADP5063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 4 of 44
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
BATTERY ISOLATION FET
Pin to Pin Resistance Between
ISO_Sx and ISO_Bx
RDSON_ISO
55
89
mΩ
On battery supplement mode, VINx = 0 V,
VISO_Bx = 3.6 V, IISO_Bx = 500 mA
Regulated System Voltage: VBAT Low
VISO_SFC
3.6
3.8
4.0
V
VTRM[5:0] programming ≥ 4.00 V
3.2
3.4
3.5
V
VTRM[5:0] programming < 4.00 V
Battery Supplementary Threshold
VTHISO
0
5
12
mV
VISO_Sx < VISO_Bx, system voltage rising
LDO AND HIGH VOLTAGE BLOCKING
Regulated System Voltage
VISO_STRK
4.214
4.3
4.386
V
VSYSTEM[2:0] = 000 (binary) = 4.3 V, IISO_Sx =
100 mA, LDO mode2
Load Regulation
−0.56
%/A
IISO_Sx = 0 mA to 1500 mA
High Voltage Blocking FET (LDO FET)
On Resistance
RDS(ON)HV
330
485
mΩ
IVINx = 500 mA
Maximum Output Current
2.1
A
VISO_Sx = 4.3 V, LDO mode
VINx Input Voltage, Good Threshold
Rising
VVIN_OK_RISE
3.75
3.9
4.0
V
VINx Falling
VVIN_OK_FALL
3.6
3.7
V
VINx Input Overvoltage Threshold
VVIN_OV
6.7
6.9
7.2
V
Hysteresis
ΔVVIN_OV
0.1
V
VINx Transition Timing
tVIN_RISE
10
µs
Minimum rise time for VINx from 5 V to 20 V
tVIN_FALL
10
µs
Minimum fall time for VINx from 4 V to 0 V
THERMAL CONTROL
Isothermal Charging Temperature
TLIM
115
°C
Thermal Early Warning Temperature
TSDL
130
°C
Thermal Shutdown Temperature
TSD
140
°C
TJ rising
110
°C
TJ falling
THERMISTOR CONTROL
Thermistor Current
10,000 NTC (Negative Temperature
Coefficient) Resistor
INTC_10k
400
μA
100,000 NTC Resistor
INTC_100k
40
μA
Thermistor Capacitance
CNTC
100
pF
Cold Temperature Threshold
TNTC_COLD
0
°C
No battery charging occurs
Resistance Thresholds
Cool to Cold Resistance
RCOLD_FALL
20,500
25,600
30,720
Ω
Cold to Cool Resistance
RCOLD_RISE
24,400
Ω
Hot Temperature Threshold
TNTC_HOT
60
°C
No battery charging occurs
Resistance Thresholds
Hot to Typical Resistance
RHOT_FALL
3700
Ω
Typical to Hot Resistance
RHOT_RISE
2750
3350
3950
Ω
JEITA1 Li-ION BATTERY CHARGING
SPECIFICATION DEFAULTS5
JEITA Cold Temperature
TJEITA_COLD
0
°C
No battery charging occurs
Resistance Thresholds
Cool to Cold Resistance
RCOLD_FALL
20,500
25,600
30,720
Ω
Cold to Cool Resistance
RCOLD_RISE
24,400
Ω
JEITA Cool Temperature
TJEITA_COOL
10
°C
Battery charging occurs at 50% of programmed
level
Resistance Thresholds
Typical to Cool Resistance
RTYP_FALL
13,200
16,500
19,800
Ω
Cool to Typical Resistance
RTYP_RISE
15,900
Ω
JEITA Warm Temperature
TJEITA_WARM
45
°C
Battery termination voltage (VTRM) is reduced by
100 mV
Resistance Thresholds
Warm to Typical Resistance
RWARM_FALL
5800
Ω
Typical to Warm Resistance
RWARM_RISE
4260
5200
6140
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com