Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 22Page - Analog Devices ADP5063 Datasheet HTML 23Page - Analog Devices ADP5063 Datasheet HTML 24Page - Analog Devices ADP5063 Datasheet HTML 25Page - Analog Devices ADP5063 Datasheet HTML 26Page - Analog Devices ADP5063 Datasheet HTML 27Page - Analog Devices ADP5063 Datasheet HTML 28Page - Analog Devices ADP5063 Datasheet HTML 29Page - Analog Devices ADP5063 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 26 of 44
I2C INTERFACE
The ADP5063 includes an I2C-compatible serial interface for
control of the charging and LDO functions, as well as for a
readback of the system status registers. The I2C chip address
is 0x28 in write mode and 0x29 in read mode.
Register values are reset to the default values when the VINx
supply falls below the falling voltage threshold, VVIN_OK_FALL.
The I2C registers also reset when the battery is disconnected
and VIN is 0 V.
The subaddress content selects which of the ADP5063 registers
is written to first. The ADP5063 sends an acknowledgement to
the master after the 8-bit data byte has been written (see Figure 31
for an example of the I2C write sequence to a single register).
The ADP5063 increments the subaddress automatically and
starts receiving a data byte at the next register until the master
sends an I2C stop, as shown in Figure 32.
Figure 33 shows the I2C read sequence of a single register.
ADP5063 sends the data from the register denoted by the
subaddress and increments the subaddress automatically,
sending data from the next register until the master sends
an I2C stop condition, as shown in Figure 34.
Figure 31. I2C Single Register Write Sequence
Figure 32. I2C Multiple Register Write Sequence
Figure 33. I2C Single Register Read Sequence
Figure 34. I2C Multiple Register Read Sequence
SUBADDRESS
CHIP ADDRESS
ST
0
0
1
0
1
0
0
0
0
0 SP
ADP5063 RECEIVES
DATA
0 = WRITE
0
MASTER STOP
0 = WRITE
CHIP ADDRESS
ST
0
0
1
0
1
0
0
0
0
0
SP
ADP5063 RECEIVES
DATA TO REGISTER N
0
MASTER STOP
0
ADP5063 RECEIVES
DATA TO REGISTER N + 1
0
ADP5063 RECEIVES
DATA TO LAST REGISTER
SUBADDRESS
REGISTER N
ST
ST
SP
0 = WRITE
SUBADDRESS
CHIP ADDRESS
0 0
1
0
1
0
0
0
0
1
0
MASTER
STOP
CHIP ADDRESS
ADP5063 SENDS
DATA
0 0
1
0
1
0
0
0
1 = READ
1
0
ST
ST
SP
0 = WRITE
MASTER
STOP
1 = READ
SUBADDRESS
REGISTER N
CHIP ADDRESS
0 0 1 0 1 0 0
0
0
0
ADP5063 SENDS
DATA OF REGISTER N
0
0
ADP5063 SENDS
DATA OF REGISTER
N + 1
1
ADP5063 SENDS
DATA OF LAST
REGISTER
CHIP ADDRESS
0 0 1 0 1 0 0
0
1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com