Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 5 Page - Analog Devices

  ADP5063 Datasheet HTML 1Page - Analog Devices ADP5063 Datasheet HTML 2Page - Analog Devices ADP5063 Datasheet HTML 3Page - Analog Devices ADP5063 Datasheet HTML 4Page - Analog Devices ADP5063 Datasheet HTML 5Page - Analog Devices ADP5063 Datasheet HTML 6Page - Analog Devices ADP5063 Datasheet HTML 7Page - Analog Devices ADP5063 Datasheet HTML 8Page - Analog Devices ADP5063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 5 of 44
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
JEITA Hot Temperature
TJEITA_HOT
60
°C
No battery charging occurs
Resistance Thresholds
Hot to Warm Resistance
RHOT_FALL
3700
Ω
Warm to Hot Resistance
RHOT_RISE
2750
3350
3950
Ω
JEITA2 Li-ION BATTERY CHARGING
SPECIFICATION DEFAULTS
JEITA Cold Temperature
TJEITA_COLD
0
°C
No battery charging occurs
Resistance Thresholds
Cool to Cold Resistance
RCOLD_FALL
20,500
25,600
30,720
Ω
Cold to Cool Resistance
RCOLD_RISE
24,400
Ω
JEITA Cool Temperature
TJEITA_COOL
10
°C
Battery termination voltage (VTRM) is reduced by
100 mV
Resistance Thresholds
Typical to Cool Resistance
RTYP_FALL
13,200
16,500
19,800
Ω
Cool to Typical Resistance
RTYP_RISE
15,900
Ω
JEITA Warm Temperature
TJEITA_WARM
45
°C
Battery termination voltage (VTRM) is reduced by
100 mV
Resistance Thresholds
Warm to Typical Resistance
RWARM_FALL
5800
Ω
Typical to Warm Resistance
RWARM_RISE
4260
5200
6140
Ω
JEITA Hot Temperature
TJEITA_HOT
60
°C
No battery charging occurs
Resistance Thresholds
Hot to Warm Resistance
RHOT_FALL
3700
Ω
Warm to Hot Resistance
RHOT_RISE
2750
3350
3950
Ω
BATTERY DETECTION
Sink Current
ISINK
13
20
34
mA
Source Current
ISOURCE
7
10
13
mA
Battery Threshold
Low
VBATL
1.8
1.9
2.0
V
High
VBATH
3.4
V
Battery Detection Timer
tBATOK
333
ms
TIMERS
Clock Oscillator Frequency
fCLK
2.7
3
3.3
MHz
Start Charging Delay
tSTART
1
sec
Trickle Charge
tTRK
60
min
Fast Charge
tCHG
600
min
Charge Complete
tEND
7.5
min
VBAT_SNS = VTRM, ICHG < IEND
Deglitch
tDG
31
ms
Applies to VTRK_DEAD, VRCH, IEND, VWEAK, VVIN_OK_RISE, and
VVIN_OK_FALL
Watchdog2
tWD
32
sec
Safety
tSAFE
36
40
44
min
Battery Short2
tBAT_SHR
30
sec
ILED OUTPUT PINS
Voltage Drop over ILED
VILED
200
mV
IILED = 20 mA
Maximum Operating Voltage over
ILED
VMAXILED
5.5
V
SYS_EN OUTPUT Pin
SYS_EN FET On Resistance
RON_SYS_EN
10
Ω
ISYS_EN = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com