Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 24Page - Analog Devices ADP5063 Datasheet HTML 25Page - Analog Devices ADP5063 Datasheet HTML 26Page - Analog Devices ADP5063 Datasheet HTML 27Page - Analog Devices ADP5063 Datasheet HTML 28Page - Analog Devices ADP5063 Datasheet HTML 29Page - Analog Devices ADP5063 Datasheet HTML 30Page - Analog Devices ADP5063 Datasheet HTML 31Page - Analog Devices ADP5063 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 28 of 44
REGISTER BIT DESCRIPTIONS
In Table 18 through Table 33, the following abbreviations are used: R is read only, W is write only, R/W is read/write, and N/A means not
applicable.
Table 18. Manufacturer and Model ID, Register Address 0x00
Bit No.
Bit Name
Access
Default
Description
[7:4]
MANUF[3:0]
R
0001
The 4-bit manufacturer identification bus
[3:0]
MODEL[3:0]
R
1001
The 4-bit model identification bus
Table 19. Silicon Revision, Register Address 0x01
Bit No.
Bit Name
Access
Default
Description
[7:4]
Not used
R
[3:0]
REV[3:0]
R
0111
The 4-bit silicon revision identification bus
Table 20. VINx Pin Settings, Register Address 0x02
Bit No.
Bit Name
Access
Default
Description
[7:4]
Not used
R
[3:0]
ILIM[3:0]
R/W
0000 = 100 mA
VINx input current-limit programming bus. The current into VINx can
be limited to the following programmed values:
0000 = 100 mA.
0001 = 150 mA.
0010 = 200 mA.
0011 = 250 mA.
0100 = 300 mA.
0101 = 400 mA.
0110 = 500 mA.
0111 = 600 mA.
1000 = 700 mA.
1001 = 800 mA.
1010 = 900 mA.
1011 = 1000 mA.
1100 = 1200 mA.
1101 = 1500 mA.
1110 = 1800 mA.
1111 = 2100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com