Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 36Page - Analog Devices ADP5063 Datasheet HTML 37Page - Analog Devices ADP5063 Datasheet HTML 38Page - Analog Devices ADP5063 Datasheet HTML 39Page - Analog Devices ADP5063 Datasheet HTML 40Page - Analog Devices ADP5063 Datasheet HTML 41Page - Analog Devices ADP5063 Datasheet HTML 42Page - Analog Devices ADP5063 Datasheet HTML 43Page - Analog Devices ADP5063 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 40 of 44
FACTORY-PROGRAMMABLE OPTIONS
CHARGER OPTIONS
Table 37 to Table 49 list the factory-programmable options of
the ADP5063. In each of these tables, the selection column
represents the default setting of Model ADP5063ACPZ-1-R7.
Table 37. Default Termination Voltage
Option
Selection
000 = 4.20 V
001 = 3.60 V
001 = 3.60 V
010 = 3.70 V
011 = 3.80 V
100 = 3.90 V
101 = 4.00 V
110 = 4.10 V
111 = 4.40 V
Table 38. Default Fast Charge Current
Option
Selection
000 = 500 mA
001 = 300 mA
010 = 550 mA
011 = 600 mA
100 = 750 mA
100 = 750 mA
101 = 900 mA
110 = 1300 mA
111 = 1300 mA
Table 39. Default End of Charge Current
Option
Selection
000 = 52.5 mA
000 = 52.5 mA
001 = 72.5 mA
010 = 12.5 mA
011 = 32.5 mA
100 = 142.5 mA
101 = 167.5 mA
110 = 92.5 mA
111 = 117.5 mA
Table 40. Default Trickle to Fast Charge Threshold
Option
Selection
00 = 2.5 V
01 = 2.0 V
01 = 2.0 V
10 = 2.9 V
11 = 2.6 V
Table 41. Default System Voltage
Option
Selection
000 = 4.3 V
000 = 4.3 V
001 = 4.4 V
010 = 4.5 V
011 = 4.6 V
100 = 4.7 V
101 = 4.8 V
110 = 4.9 V
111 = 5.0 V
Table 42. Thermistor Resistance
Option
Selection
0 = 10 kΩ
0 = 10 kΩ
1 = 100 kΩ
Table 43. Thermistor Beta Value
Option
Selection
0100 = 3150
0100 = 3150
0101 = 3350
0110 = 3500
0111 = 3650
1000 = 3850
1001 = 4000
1010 = 4200
1011 = 4400
Table 44. DIS_IC1 Mode Select
Option
Selection
0 = DIC_IC1 mode select, VINx
current = 280 µA, ISO_Bx can
float, no leak to ISO_Bx
0 = DIC_IC1 mode select, VINx
current = 280 µA, ISO_Bx can
float, no leak to ISO_Bx
1 = DIC_IC1 mode select, VINx
current = 110 µA, supply switch
leaks from VINx to ISO_Bx
Table 45. Trickle or Fast Charge Timer Fault Operation
Option
Selection
0 = after timeout LDO off,
charging off
1 = after timeout LDO mode
active, charging off
1 = after timeout LDO mode
active, charging off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com