Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 18Page - Analog Devices ADP5063 Datasheet HTML 19Page - Analog Devices ADP5063 Datasheet HTML 20Page - Analog Devices ADP5063 Datasheet HTML 21Page - Analog Devices ADP5063 Datasheet HTML 22Page - Analog Devices ADP5063 Datasheet HTML 23Page - Analog Devices ADP5063 Datasheet HTML 24Page - Analog Devices ADP5063 Datasheet HTML 25Page - Analog Devices ADP5063 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 22 of 44
Figure 27. Sink Phase
Figure 28. Trickle Charge
Battery (ISO_Bx) Short Detection
A battery short occurs under a damaged battery condition or
when the battery protection circuitry is enabled.
On commencing trickle charging, the ADP5063 charger moni-
tors the battery voltage. If this battery voltage does not exceed
VBAT_SHR within the specified timeout period, tBAT_SHR, a fault is
declared and the charger is stopped by turning the battery
isolation FET off, but the system voltage is maintained at
VISO_STRK by the linear regulator.
After source phase, if the ISO_Bx or BAT_SNS level remains
below VBATH, either the battery voltage is low or the battery node
is shorted. Because the battery voltage is low, trickle charging
mode is initiated (see Figure 28). If the BAT_SNS level remains
below VBAT_SHR after tBAT_SHR has elapsed, the ADP5063 assumes
that the battery node is shorted.
The trickle charge branch is active during the battery short
scenario, and trickle charge current to the battery is maintained
until the 60-minute trickle charge mode timer expires.
BATTERY PACK TEMPERATURE SENSING
Battery Thermistor Input
The ADP5063 charger features battery pack temperature sensing
that precludes charging when the battery pack temperature is
outside the specified range. The THR pin provides an on and
off switching current source that must be connected directly to
the battery pack thermistor terminal. The activation interval of
the THR current source is 167 ms.
The battery pack temperature sensing can be controlled by
I2C,using the conditions shown in Table 13. Note that the I2C
register default setting for EN_THR (Register Address 0x07)
is 0 = temperature sensing off.
Table 13. THR Input Function
Conditions
THR Function
VINx
VISO_Bx
Open or VIN = 0 V to 4.0 V
<2.5 V
Off
Open or VIN = 0 V to 4.0 V
>2.5 V
Off, controlled by I2C
4 V to 6.7 V
Don't care
Always on
If the battery pack thermistor is not connected directly to the
THR pin, a 10 kΩ (tolerance ±20%) dummy resistor must be
connected between the THR input and AGND. Leaving the
THR pin open results in a false detection of the battery
temperature being <0°C, and charging is disabled.
The ADP5063 charger monitors the voltage in the THR pin and
suspends charging when the current is outside the range of less
than 0°C or greater than 60°C.
The ADP5063 charger is designed for use with an NTC thermistor
in the battery pack with a nominal room temperature value of
either 10 kΩ at 25°C or 100 kΩ at 25°C, which is selected by
factory programming.
The ADP5063 charger is designed for use with an NTC thermistor
in the battery pack with a temperature coefficient curve (beta).
Factory programming supports eight beta values covering a
range from 3150 to 4400 (see Table 43).
ISO_Bx
SINK PHASE
LOGIC
STATUS
OPEN
OR
SHORT
tBATOK
VBATL
ISO_Bx
OPEN
LOGIC
STATUS
SOURCE PHASE
tBATOK
VBATH
SINK PHASE
SOURCE PHASE
TRICKLE CHARGE
ISO_Bx
ISO_Bx
ISO_Bx
LOGIC
STATUS
OPEN
OR
SHORT
tBATOK
LOGIC
STATUS
SHORT
OR
LOW
BATTERY
tBATOK
LOGIC
STATUS
SHORT
tBAT_SHR
VBATL
VBATH
VBAT_SHR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com