Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 29Page - Analog Devices ADP5063 Datasheet HTML 30Page - Analog Devices ADP5063 Datasheet HTML 31Page - Analog Devices ADP5063 Datasheet HTML 32Page - Analog Devices ADP5063 Datasheet HTML 33Page - Analog Devices ADP5063 Datasheet HTML 34Page - Analog Devices ADP5063 Datasheet HTML 35Page - Analog Devices ADP5063 Datasheet HTML 36Page - Analog Devices ADP5063 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 33 of 44
Table 28. Interrupt Active, Register Address 0x0A
Bit No.
Bit Name
Access
Default
Description
7
Not used
6
THERM_LIM_INT
R
0
0 = no interrupt.
1 = indicates an interrupt caused by isothermal charging.
5
WD_INT
R
0
0 = no interrupt.
1 = indicates an interrupt caused by the watchdog alarm. The
watchdog timer expires within 2 sec or 4 sec, depending on the
watchdog period setting of 32 sec or 64 sec, respectively.
4
TSD_INT
R
0
0 = no interrupt.
1 = indicates an interrupt caused by an overtemperature fault.
3
THR_INT
R
0
0 = no interrupt.
1 = indicates an interrupt caused by THR temperature thresholds.
2
BAT_INT
R
0
0 = no interrupt.
1 = indicates an interrupt caused by battery voltage thresholds.
1
CHG_INT
R
0
0 = no interrupt.
1 = indicates an interrupt caused by a charger mode change.
0
VIN_INT
R
0
0 = no interrupt.
1 = indicates an interrupt caused by VINx voltage thresholds.
Table 29. Charger Status 1, Register Address 0x0B
Bit No.
Bit Name
Access
Default
Description
7
VIN_OV
R
N/A
1 = the voltage at the VINx pins exceeds VVIN_OV.
6
VIN_OK
R
N/A
1 = the voltage at the VINx pins exceeds VVIN_OK_RISE and VVIN_OK_FALL.
5
VIN_ILIM
R
N/A
1 = the current into a VINx pin is limited by the high voltage blocking
FET and the charger is not running at the full programmed ICHG.
4
THERM_LIM
R
N/A
1 = the charger is not running at the full programmed ICHG but is
limited by the die temperature.
3
CHDONE
R
N/A
1 = the end of a charge cycle has been reached. This bit latches on,
in that it does not reset to low when the VRCH threshold is breached.
[2:0]
CHARGER_STATUS[2:0]
R
N/A
Charger status bus.
000 = off.
001 = trickle charge.
010 = fast charge (CC mode).
011 = fast charge (CV mode).
100 = charge complete.
101 = LDO mode.
110 = trickle or fast charge timer expired.
111 = battery detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com