Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 14Page - Analog Devices ADP5063 Datasheet HTML 15Page - Analog Devices ADP5063 Datasheet HTML 16Page - Analog Devices ADP5063 Datasheet HTML 17Page - Analog Devices ADP5063 Datasheet HTML 18Page - Analog Devices ADP5063 Datasheet HTML 19Page - Analog Devices ADP5063 Datasheet HTML 20Page - Analog Devices ADP5063 Datasheet HTML 21Page - Analog Devices ADP5063 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 18 of 44
The ADP5063 includes a number of significant features to
optimize charging and functionality, including
•
Thermal regulation for maximum performance.
•
USB host current limits.
•
Termination voltage accuracy: ±1.7%.
•
Battery thermistor input with automatic charger shutdown
in the event that the battery temperature exceeds limits
(compliant with the JEITA Li-Ion battery charging
temperature specification).
•
Three external pins (DIG_IO1, DIG_IO2, and DIG_IO3)
that directly control a number of parameters. These pins
are factory programmable for maximum flexibility. They
can be factory programmed for functions such as
•
Enable/disable charging.
•
Control of the 100 mA or 500 mA input current limit.
•
Control of the 1500 mA input current limit.
•
Control of the battery charge current.
•
An interrupt output pin.
See the Digital Input and Output Options section for details.
CHARGER MODES
Input Current Limit
The VINx input current limit is controlled via the internal I2C
ILIM bits. The input current limit can also be controlled via the
DIG_IO1 pin (if factory programmed to do so) as outlined in
Table 9. Any change from the 100 mA I2C default takes precedence
over the pin setting.
Table 9. DIG_IO1 Operation
DIG_IO1
Function
0
100 mA input current limit or I2C programmed
value
1
500 mA input current limit or I2C programmed
value (or reprogrammed I2C value from 100 mA
default)
USB Compatibility
The ADP5063 features an I2C-programmable input current
limit to ensure compatibility with the requirements listed in
Table 10. The current limit defaults to 100 mA to allow com-
patibility with a USB host or hub that is not configured.
The I2C register default is 100 mA. An I2C write command to the
ILIM bits overrides the DIG_IOx pins, and the I2C register default
value can be reprogrammed for alternative requirements.
When the input current-limit feature is used, the available input
current may be too low for the charger to meet the programmed
charging current, ICHG, thereby reducing the rate of charge and
setting the VIN_ILIM flag.
When connecting voltage to VINx without the proper voltage
level on the battery side, the high voltage blocking mechanism
is in a state wherein it draws a current of <1 mA until VVINx
reaches the VIN_OK level.
The ADP5063 charger provides support for the following con-
nections through the single connector VINx pin, as shown in
Table 10.
Table 10. Input Current Compatibility with Standard USB Limits
Mode
Standard USB Limit
ADP5063 Function
USB (China Only)
100 mA limit for standard USB host or hub
100 mA input current limit or I2C programmed value
300 mA limit for Chinese USB specification
300 mA input current limit or I2C programmed value
USB 2.0
100 mA limit for standard USB host or hub
100 mA input current limit or I2C programmed value
500 mA limit for standard USB host or hub
500 mA input current limit or I2C programmed value
USB 3.0
150 mA limit for superspeed USB 3.0 host or hub
150 mA input current limit or I2C programmed value
900 mA limit for superspeed, high speed USB host or
hub charger
900 mA input current limit or I2C programmed value
Dedicated Charger
1500 mA limit for dedicated charger or low/full speed USB host
or hub charger
1500 mA input current limit or I2C programmed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com