Electronic Components Datasheet Search
  English  ▼

X  

ADP5063 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 12Page - Analog Devices ADP5063 Datasheet HTML 13Page - Analog Devices ADP5063 Datasheet HTML 14Page - Analog Devices ADP5063 Datasheet HTML 15Page - Analog Devices ADP5063 Datasheet HTML 16Page - Analog Devices ADP5063 Datasheet HTML 17Page - Analog Devices ADP5063 Datasheet HTML 18Page - Analog Devices ADP5063 Datasheet HTML 19Page - Analog Devices ADP5063 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 16 of 44
INTRODUCTION
The ADP5063 is a fully programmable I2C charger for single
cell lithium ion or lithium polymer batteries, suitable for a wide
range of portable applications.
The linear charger architecture enables up to 2.1 A output
current at 4.3 V to 5.0 V (I2C programmable) on the system
power supply, and up to 1.3 A of charge current into the battery
from a dedicated charger.
The ADP5063 operates from an input voltage of 4 V up to 6.7 V
but is tolerant of voltages of up to 20 V. The 20 V voltage tolerance
alleviates the concerns of the USB bus spiking during discon-
nection or connection scenarios.
The ADP5063 features an internal FET between the linear charger
output and the battery. This feature permits battery isolation and,
therefore, system powering under a dead battery or no battery
scenario, which allows immediate system function upon
connection to a USB power supply.
The ADP5063 is fully compliant with USB 3.0 and the USB Battery
Charging 1.2 Compliance Plan Specification. The ADP5063 is
chargeable via the mini USB VBUS pin from a wall charger, car
charger, or USB host port. Based on the type of USB source, which
is detected by an external USB detection device, the ADP5063
can be set to apply the correct current limit for optimal charging
and USB compliance. The USB charger permits correct oper-
ation under all USB compliant sources such as wall chargers,
host chargers, hub chargers, and standard host and hubs.
A processor can control the USB charger using the I2C interface to
program the charging current and numerous other parameters,
including
•
Trickle charge current level
•
Trickle charge voltage threshold
•
Weak charge (constant current) current level
•
Fast charge (constant current) current level
•
Fast charge (constant voltage) voltage level
•
Fast charge safety timer period
•
Watchdog safety timer parameters
•
Weak battery threshold detection
•
Charging complete threshold
•
Recharge threshold
•
Charging enable/disable
•
Battery pack temperature detection and automatic
charger shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com