| Electronic Components Datasheet Search |
|
AM3359 Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3359 Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 236 page ![]() AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 www.ti.com SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 2.3.4 PRU-ICSS Table 2-31. PRU-ICSS/eCAP Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] pr1_ecap0_ecap_capin_apwm_o Enhanced capture input or Auxiliary PWM out I/O E18, V17 C18, U13 Table 2-32. PRU-ICSS/ECAT Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] pr1_edc_latch0_in Data In I E17 D18 pr1_edc_latch1_in Data In I D19 D17 pr1_edc_sync0_out Data Out O F19 E18 pr1_edc_sync1_out Data Out O F18 E17 pr1_edio_data_in0 Data In I B17 B16 pr1_edio_data_in1 Data In I A17 A16 pr1_edio_data_in2 Data In I U7 U5 pr1_edio_data_in3 Data In I T7 R5 pr1_edio_data_in4 Data In I W5 V5 pr1_edio_data_in5 Data In I W7 R6 pr1_edio_data_in6 Data In I V14, V3 T3, U9 pr1_edio_data_in7 Data In I U15, U3 T4, V9 pr1_edio_data_out0 Data Out O B17 B16 pr1_edio_data_out1 Data Out O A17 A16 pr1_edio_data_out2 Data Out O U7 U5 pr1_edio_data_out3 Data Out O T7 R5 pr1_edio_data_out4 Data Out O W5 V5 pr1_edio_data_out5 Data Out O W7 R6 pr1_edio_data_out6 Data Out O V14, V3 T3, U9 pr1_edio_data_out7 Data Out O U15, U3 T4, V9 pr1_edio_latch_in Latch In I B18 B17 pr1_edio_sof Start of Frame O A18 A17 Table 2-33. PRU-ICSS/MDIO Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] pr1_mdio_data MDIO Data I/O U17 T13 pr1_mdio_mdclk MDIO Clk O V16 V12 Table 2-34. PRU-ICSS/MII0 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] pr1_mii0_col MII Collision Detect I W16 T10 pr1_mii0_crs MII Carrier Sense I U17, W5 T13, V5 pr1_mii0_rxd0 MII Receive Data bit 0 I V5 U4 pr1_mii0_rxd1 MII Receive Data bit 1 I U5 U3 pr1_mii0_rxd2 MII Receive Data bit 2 I W4 U2 pr1_mii0_rxd3 MII Receive Data bit 3 I V4 U1 pr1_mii0_rxdv MII Receive Data Valid I V7 T5 pr1_mii0_rxer MII Receive Data Error I U6 V3 Copyright © 2011–2013, Texas Instruments Incorporated Terminal Description 65 Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |