Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 5Page - Texas Instruments AM3359 Datasheet HTML 6Page - Texas Instruments AM3359 Datasheet HTML 7Page - Texas Instruments AM3359 Datasheet HTML 8Page - Texas Instruments AM3359 Datasheet HTML 9Page - Texas Instruments AM3359 Datasheet HTML 10Page - Texas Instruments AM3359 Datasheet HTML 11Page - Texas Instruments AM3359 Datasheet HTML 12Page - Texas Instruments AM3359 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
•
Deleted MIN values for Parameters 9-12 in Table 5-69, Timing Requirements for I2C Input Timings
................ 189
•
Added Section 5.8, JTAG Electrical Data and Timing
....................................................................... 191
•
Changed MIN values of Parameters 5, 6, 8, and 10 and MAX values of Parameters 4, 6, 8, and 10 in Table 5-
76, Switching Characteristics for LCD Raster Mode
......................................................................... 202
•
Added OPP50 MIN and MAX Parameter values and changed OPP100 Parameters 6 and 8 MIN values in
Table 5-78, Timing Requirements for McASP
................................................................................ 209
•
Added OPP50 MIN and MAX Parameter values and changed OPP100 Parameters 13, 14 and 15 MIN values in
Table 5-79, Switching Characteristics for McASP
............................................................................ 211
•
Added OPP50 MIN and MAX Parameter values to Table 5-81, Timing Requirements for McSPI Input
Timings—Slave Mode
............................................................................................................ 213
•
Added OPP50 MIN and MAX Parameter values to Table 5-82, Switching Characteristics for McSPI Output
Timings—Slave Mode
............................................................................................................ 213
•
Changed Input Parameters High Load MAX values in Table 5-83, McSPI Timing Conditions—Master Mode
...... 216
•
Added OPP50 MIN and MAX Parameter values and changed OPP100 Parameter 5 MIN values in Table 5-84,
Timing Requirements for McSPI Input Timings—Master Mode
............................................................ 216
•
Added OPP50 MIN and MAX Parameter values and changed OPP100 Parameters 2 and 3 MAX values in
Table 5-85, Switching Characteristics for McSPI Output Timings—Master Mode
....................................... 216
•
Changed MIN value for Parameters 2 and 4 in Table 5-87, Timing Requirements for MMC[x]_CMD and
MMC[x]_DAT[7:0]
................................................................................................................. 219
•
Added OPP50 MIN, TYP, and MAX Parameter values to Table 5-89, Switching Characteristics for MMC[x]_CMD
and MMC[x]_DAT[7:0]—Standard Mode
...................................................................................... 220
•
Added OPP50 MIN, TYP, and MAX Parameter values to Table 5-90, Switching Characteristics for MMC[x]_CMD
and MMC[x]_DAT[7:0]—High-Speed Mode
................................................................................... 221
•
Changed Figure 6-1, AM335x Device Nomenclature
........................................................................ 226
•
Added paragraph to Section 7.1, Thermal Data for ZCE and ZCZ Packages
............................................ 228
Copyright © 2011–2013, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com