Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 71Page - Texas Instruments AM3359 Datasheet HTML 72Page - Texas Instruments AM3359 Datasheet HTML 73Page - Texas Instruments AM3359 Datasheet HTML 74Page - Texas Instruments AM3359 Datasheet HTML 75Page - Texas Instruments AM3359 Datasheet HTML 76Page - Texas Instruments AM3359 Datasheet HTML 77Page - Texas Instruments AM3359 Datasheet HTML 78Page - Texas Instruments AM3359 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
2.3.6.4
McASP
Table 2-56. McASP/MCASP0 Signals Description
TYPE
SIGNAL NAME [1]
DESCRIPTION [2]
ZCE BALL [4]
ZCZ BALL [4]
[3]
mcasp0_aclkr
McASP0 Receive Bit Clock
I/O
L19, V18, V6
B12, J17, U18,
V2
mcasp0_aclkx
McASP0 Transmit Bit Clock
I/O
N19, V4
A13, K18, U1,
V16
mcasp0_ahclkr
McASP0 Receive Master Clock
I/O
V5
C12, U4
mcasp0_ahclkx
McASP0 Transmit Master Clock
I/O
N18, V7
A14, K15, T5
mcasp0_axr0
McASP0 Serial Data (IN/OUT)
I/O
N17, U5
D12, L17, T16,
U3
mcasp0_axr1
McASP0 Serial Data (IN/OUT)
I/O
N16, W6
D13, L16, V17,
V4
mcasp0_axr2
McASP0 Serial Data (IN/OUT)
I/O
J19, V5, V6
B12, C12, H16,
U4, V2
mcasp0_axr3
McASP0 Serial Data (IN/OUT)
I/O
P18, U6, V7
A14, C13, M16,
T5, V3
mcasp0_fsr
McASP0 Receive Frame Sync
I/O
M17, U6, V16
C13, J18, V12,
V3
mcasp0_fsx
McASP0 Transmit Frame Sync
I/O
M19, W4
B13, L18, U16,
U2
Table 2-57. McASP/MCASP1 Signals Description
TYPE
SIGNAL NAME [1]
DESCRIPTION [2]
ZCE BALL [4]
ZCZ BALL [4]
[3]
mcasp1_aclkr
McASP1 Receive Bit Clock
I/O
L18, P18
K17, M16
mcasp1_aclkx
McASP1 Transmit Bit Clock
I/O
J18, L19
B12, H17, J17
mcasp1_ahclkr
McASP1 Receive Master Clock
I/O
P18
M16
mcasp1_ahclkx
McASP1 Transmit Master Clock
I/O
K18, P18
H18, M16
mcasp1_axr0
McASP1 Serial Data (IN/OUT)
I/O
K17, N18
D13, J16, K15
mcasp1_axr1
McASP1 Serial Data (IN/OUT)
I/O
M18
A14, K16
mcasp1_axr2
McASP1 Serial Data (IN/OUT)
I/O
J19, L18
H16, K17
mcasp1_axr3
McASP1 Serial Data (IN/OUT)
I/O
K18, P19
H18, L15
mcasp1_fsr
McASP1 Receive Frame Sync
I/O
M18, P19
K16, L15
mcasp1_fsx
McASP1 Transmit Frame Sync
I/O
K19, M17
C13, J15, J18
Copyright © 2011–2013, Texas Instruments Incorporated
Terminal Description
75
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com