Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 1 Page - Texas Instruments

  AM3359 Datasheet HTML 1Page - Texas Instruments AM3359 Datasheet HTML 2Page - Texas Instruments AM3359 Datasheet HTML 3Page - Texas Instruments AM3359 Datasheet HTML 4Page - Texas Instruments AM3359 Datasheet HTML 5Page - Texas Instruments AM3359 Datasheet HTML 6Page - Texas Instruments AM3359 Datasheet HTML 7Page - Texas Instruments AM3359 Datasheet HTML 8Page - Texas Instruments AM3359 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Sitara™ AM335x ARM® Cortex™-A8 Microprocessors (MPUs)
Check for Samples: AM3359, AM3358
1
Device Summary
1.1
Features
1234567
– 32KB of L1 Data Cache with Single Error-
• Highlights
Detection (parity)
– Up to 1-GHz Sitara™ ARM® Cortex™-A8
– 256KB of L2 Cache with Error Correcting
32
‑‑Bit RISC Microprocessor
Code (ECC)
•
NEON™ SIMD Coprocessor
– 176KB of On-Chip Boot ROM
•
32KB of L1 Instruction and 32KB Data
– 64KB of Dedicated RAM
Cache with Single-Error Detection (parity)
– Emulation and Debug
•
256KB of L2 Cache with Error Correcting
Code (ECC)
•
JTAG
– mDDR(LPDDR), DDR2, DDR3, DDR3L
– Interrupt Controller (up to 128 interrupt
Support
requests)
– General-Purpose Memory Support (NAND,
• On-Chip Memory (Shared L3 RAM)
NOR, SRAM) Supporting Up to 16-bit ECC
– 64 KB of General-Purpose On-Chip Memory
– SGX530 3D Graphics Engine
Controller (OCMC) RAM
– LCD and Touchscreen Controller
– Accessible to all Masters
– Programmable Real-Time Unit and Industrial
– Supports Retention for Fast Wake-Up
Communication Subsystem (PRU-ICSS)
• External Memory Interfaces (EMIF)
– Real-Time Clock (RTC)
– mDDR(LPDDR), DDR2, DDR3, DDR3L
– Up to Two USB 2.0 High-Speed OTG Ports
Controller:
with Integrated PHY
•
mDDR: 200-MHz Clock (400-MHz Data
– 10, 100, 1000 Ethernet Switch Supporting Up
Rate)
to Two Ports
•
DDR2: 266-MHz Clock (532-MHz Data
– Serial Interfaces Including:
Rate)
•
Two Controller Area Network Ports (CAN)
•
DDR3: 400-MHz Clock (800-MHz Data
Rate)
•
Six UARTs, Two McASPs, Two McSPI,
and Three I2C Ports
•
DDR3L: 400-MHz Clock (800-MHz Data
Rate)
– 12-Bit Successive Approximation Register
(SAR) ADC
•
16-Bit Data Bus
– Up to Three 32-Bit Enhanced Capture
•
1 GB of Total Addressable Space
Modules (eCAP)
•
Supports One x16 or Two x8 Memory
– Up to Three Enhanced High-Resolution PWM
Device Configurations
Modules (eHRPWM)
– General-Purpose Memory Controller (GPMC)
– Crypto Hardware Accelerators (AES, SHA,
•
Flexible 8-Bit and 16-Bit Asynchronous
PKA, RNG)
Memory Interface with Up to seven Chip
Selects (NAND, NOR, Muxed-NOR, SRAM)
• MPU Subsystem
•
Uses BCH Code to Support 4-Bit, 8-Bit, or
16-Bit ECC
– Up to 1-GHz ARM® Cortex™-A8 32-Bit RISC
Microprocessor
•
Uses Hamming Code to Support 1-Bit
ECC
– NEON™ SIMD Coprocessor
– Error Locator Module (ELM)
– 32KB of L1 Instruction Cache with Single-
Error Detection (parity)
•
Used in Conjunction with the GPMC to
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Sitara, SmartReflex, DSP/BIOS, XDS are trademarks of Texas Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM is a registered trademark of ARM Ltd or its subsidiaries.
5
EtherCAT is a registered trademark of EtherCAT Technology Group.
6
POWERVR SGX is a trademark of Imagination Technologies Limited.
7
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - AM3359

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359 Datasheet
2Mb / 195P
AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
2Mb / 197P
AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
2Mb / 222P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results

Similar Description - AM3359

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
AM389x Sitara ARM Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
AM387x Sitara ARM Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
logo
Advantech Co., Ltd.
UBC-330 ADVANTECH-UBC-330_15 Datasheet
396Kb / 2P
TI Sitara AM3352 Cortex-A8 RISC box
RSB-4221 ADVANTECH-RSB-4221 Datasheet
611Kb / 2P
TI Sitara??ARM짰 AM3358 Cortex짰-A8 3.5 SBC
16-Jan-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com