Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments AM3359 Datasheet HTML 88Page - Texas Instruments AM3359 Datasheet HTML 89Page - Texas Instruments AM3359 Datasheet HTML 90Page - Texas Instruments AM3359 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
The power-on hours (POH) information in Table 3-11 is provided solely for your convenience and does not
extend or modify the warranty provided under TI's standard terms and conditions for TI semiconductor products.
To avoid significant degradation, the device power-on hours (POH) must be limited to the following:
Table 3-11. Reliability Data
COMMERCIAL
INDUSTRIAL
EXTENDED
OPERATING
JUNCTION TEMP
LIFETIME
JUNCTION TEMP
LIFETIME
JUNCTION TEMP
LIFETIME
CONDITION
(Tj)
(POH)(1)
(Tj)
(POH)(1)
(Tj)
(POH)(1)
Nitro
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
37K
Turbo
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
80K
OPP120
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
100K
OPP100
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
100K
OPP50
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
100K
(1) POH = Power-on hours when the device is fully functional.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
The above notations cannot be deemed a warranty or deemed to extend or modify the warranty under TI's
standard terms and conditions for TI semiconductor products.
The device is used under the recommended operating conditions described in Table 3-12.
Table 3-12. Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLY NAME
DESCRIPTION
Supply voltage range for core
1.056
1.100
1.144
domain; OPP100
VDD_CORE(1)
V
Supply voltage range for core
0.912
0.950
0.988
domain; OPP50
Supply voltage range for MPU
1.272
1.325
1.378
domain, Nitro
Supply voltage range for MPU
1.210
1.260
1.326
domain; Turbo
Supply voltage range for MPU
VDD_MPU(1)(2)
1.152
1.200
1.248
V
domain; OPP120
Supply voltage range for MPU
1.056
1.100
1.144
domain; OPP100
Supply voltage range for MPU
0.912
0.950
0.988
domain; OPP50
Supply voltage range for RTC
CAP_VDD_RTC(3)
0.900
1.100
1.250
V
domain input
Supply voltage range for RTC
VDDS_RTC
1.710
1.800
1.890
V
domain
Supply voltage range for DDR IO
1.710
1.800
1.890
domain (DDR2)
Supply voltage range for DDR IO
VDDS_DDR
1.425
1.500
1.575
V
domain (DDR3)
Supply voltage range for DDR IO
1.283
1.350
1.418
domain (DDR3L)
Supply voltage range for all dual-
VDDS(4)
1.710
1.800
1.890
V
voltage IO domains
Supply voltage range for Core
VDDS_SRAM_CORE_BG
1.710
1.800
1.890
V
SRAM LDOs, Analog
Copyright © 2011–2013, Texas Instruments Incorporated
Device Operating Conditions
87
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com