Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments AM3359 Datasheet HTML 88Page - Texas Instruments AM3359 Datasheet HTML 89Page - Texas Instruments AM3359 Datasheet HTML 90Page - Texas Instruments AM3359 Datasheet HTML 91Page - Texas Instruments AM3359 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Table 3-12. Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLY NAME
DESCRIPTION
Supply voltage range for MPU
VDDS_SRAM_MPU_BB
1.710
1.800
1.890
V
SRAM LDOs, Analog
Supply voltage range for DPLL
VDDS_PLL_DDR(5)
1.710
1.800
1.890
V
DDR, Analog
Supply voltage range for DPLL
VDDS_PLL_CORE_LCD(5)
1.710
1.800
1.890
V
CORE and LCD, Analog
Supply voltage range for DPLL
VDDS_PLL_MPU(5)
1.710
1.800
1.890
V
MPU, Analog
Supply voltage range for system
VDDS_OSC
1.710
1.800
1.890
V
oscillator IO's, Analog
Supply voltage range for
VDDA1P8V_USB0(5)
USBPHY and PER DPLL,
1.710
1.800
1.890
V
Analog, 1.8V
Supply voltage range for USB
VDDA1P8V_USB1(6)
1.710
1.800
1.890
V
PHY, Analog, 1.8V
Supply voltage range for USB
VDDA3P3V_USB0
3.135
3.300
3.465
V
PHY, Analog, 3.3V
Supply voltage range for USB
VDDA3P3V_USB1(6)
3.135
3.300
3.465
V
PHY, Analog, 3.3V
Supply voltage range for ADC,
VDDA_ADC
1.710
1.800
1.890
V
Analog
Supply voltage range for dual-
VDDSHV1
voltage IO domain (1.8-V
1.710
1.800
1.890
V
operation)
Supply voltage range for dual-
VDDSHV2(6)
voltage IO domain (1.8-V
1.710
1.800
1.890
V
operation)
Supply voltage range for dual-
VDDSHV3(6)
voltage IO domain (1.8-V
1.710
1.800
1.890
V
operation)
Supply voltage range for dual-
VDDSHV4
voltage IO domain (1.8-V
1.710
1.800
1.890
V
operation)
Supply voltage range for dual-
VDDSHV5
voltage IO domain (1.8-V
1.710
1.800
1.890
V
operation)
Supply voltage range for dual-
VDDSHV6
voltage IO domain (1.8-V
1.710
1.800
1.890
V
operation)
Supply voltage range for dual-
VDDSHV1
voltage IO domain (3.3-V
3.135
3.300
3.465
V
operation)
Supply voltage range for dual-
VDDSHV2(6)
voltage IO domain (3.3-V
3.135
3.300
3.465
V
operation)
Supply voltage range for dual-
VDDSHV3(6)
voltage IO domain (3.3-V
3.135
3.300
3.465
V
operation)
Supply voltage range for dual-
VDDSHV4
voltage IO domain (3.3-V
3.135
3.300
3.465
V
operation)
Supply voltage range for dual-
VDDSHV5
voltage IO domain (3.3-V
3.135
3.300
3.465
V
operation)
Supply voltage range for dual-
VDDSHV6
voltage IO domain (3.3-V
3.135
3.300
3.465
V
operation)
88
Device Operating Conditions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com