Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 98 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 94Page - Texas Instruments AM3359 Datasheet HTML 95Page - Texas Instruments AM3359 Datasheet HTML 96Page - Texas Instruments AM3359 Datasheet HTML 97Page - Texas Instruments AM3359 Datasheet HTML 98Page - Texas Instruments AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments AM3359 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Table 3-17. TSC_ADC Electrical Parameters (continued)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Internal Voltage Reference:
VDDA_ADC = 1.8V
Spurious Free Dynamic
External Voltage Reference:
80
dB
Range
VREFP - VREFN = 1.8V
Input Signal: 30 kHz sine wave at
-0.5 dB Full Scale
Internal Voltage Reference:
VDDA_ADC = 1.8V
Signal-to-Noise Plus
External Voltage Reference:
69
dB
Distortion
VREFP - VREFN = 1.8V
Input Signal: 30 kHz sine wave at
-0.5 dB Full Scale
VREFP and VREFN Input Impedance
20
k
Ω
Input Impedance of
f = input frequency
[1/((65.97 x 10-12) x f)]
Ω
AIN[7:0](2)
Sampling Dynamics
ADC
Conversion Time
15
Clock
Cycles
ADC
Acquisition Time
2
Clock
Cycles
Sampling Rate
ADC Clock = 3 MHz
200
kSPS
Channel-to-Channel Isolation
100
dB
Touchscreen Switch Drivers
Pull-Up and Pull-Down Switch ON Resistance (Ron)
2
Ω
Pull-Up and Pull-Down
Switch Current Leakage
Source impedance = 500
Ω
0.5
uA
Ileak
Drive Current
25
mA
Touchscreen Resistance
6
k
Ω
Pen Touch Detect
2
k
Ω
(1) VREFP and VREFN must be tied to ground if the internal voltage reference is used.
(2) This parameter is valid when the respective AIN terminal is configured to operate as a general-purpose ADC input.
98
Device Operating Conditions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com