| Electronic Components Datasheet Search |
|
AM3359 Datasheet(PDF) 69 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3359 Datasheet(HTML) 69 Page - Texas Instruments |
|
69 / 236 page ![]() AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 www.ti.com SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 2.3.5 Removable Media Interfaces Table 2-41. Removable Media Interfaces/MMC0 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] mmc0_clk MMC/SD/SDIO Clock I/O G19 G17 mmc0_cmd MMC/SD/SDIO Command I/O G17 G18 mmc0_dat0 MMC/SD/SDIO Data Bus I/O G18 G16 mmc0_dat1 MMC/SD/SDIO Data Bus I/O H17 G15 mmc0_dat2 MMC/SD/SDIO Data Bus I/O H18 F18 mmc0_dat3 MMC/SD/SDIO Data Bus I/O H19 F17 mmc0_dat4 MMC/SD/SDIO Data Bus I/O N16 L16 mmc0_dat5 MMC/SD/SDIO Data Bus I/O N17 L17 mmc0_dat6 MMC/SD/SDIO Data Bus I/O M19 L18 mmc0_dat7 MMC/SD/SDIO Data Bus I/O N19 K18 mmc0_pow MMC/SD Power Switch Control O B16, K18 C15, H18 mmc0_sdcd SD Card Detect I B16, P17 A13, C15, M17 mmc0_sdwp SD Write Protect I E18, R19 B12, C18, M18 Table 2-42. Removable Media Interfaces/MMC1 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] mmc1_clk MMC/SD/SDIO Clock I/O L18, R19, V14 K17, M18, U9 mmc1_cmd MMC/SD/SDIO Command I/O M18, P17, U15 K16, M17, V9 mmc1_dat0 MMC/SD/SDIO Data Bus I/O N19, V15, W10 K18, U10, U7 mmc1_dat1 MMC/SD/SDIO Data Bus I/O M19, V9, W16 L18, T10, V7 mmc1_dat2 MMC/SD/SDIO Data Bus I/O N17, T12, V12 L17, R8, T11 mmc1_dat3 MMC/SD/SDIO Data Bus I/O N16, U12, W13 L16, T8, U12 mmc1_dat4 MMC/SD/SDIO Data Bus I/O U13, V13 T12, U8 mmc1_dat5 MMC/SD/SDIO Data Bus I/O T13, W14 R12, V8 mmc1_dat6 MMC/SD/SDIO Data Bus I/O U14, W17 R9, V13 mmc1_dat7 MMC/SD/SDIO Data Bus I/O V17, W15 T9, U13 mmc1_sdcd SD Card Detect I R15 B13, T17 mmc1_sdwp SD Write Protect I B17, D18 B16, D16 Table 2-43. Removable Media Interfaces/MMC2 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] mmc2_clk MMC/SD/SDIO Clock I/O P19, R19, V16 L15, M18, V12 mmc2_cmd MMC/SD/SDIO Command I/O K17, P17, U17 J16, M17, T13 mmc2_dat0 MMC/SD/SDIO Data Bus I/O L19, U13 J17, T12, V14 mmc2_dat1 MMC/SD/SDIO Data Bus I/O M17, T13 J18, R12, U14 mmc2_dat2 MMC/SD/SDIO Data Bus I/O N18, W17 K15, T14, V13 mmc2_dat3 MMC/SD/SDIO Data Bus I/O J19, V17, V18 H16, U13, U18 mmc2_dat4 MMC/SD/SDIO Data Bus I/O V15 U10, U15 mmc2_dat5 MMC/SD/SDIO Data Bus I/O W16 T10, T15 mmc2_dat6 MMC/SD/SDIO Data Bus I/O T12 T11, V16 mmc2_dat7 MMC/SD/SDIO Data Bus I/O U12 U12 mmc2_sdcd SD Card Detect I W18 D12, U17 mmc2_sdwp SD Write Protect I A17, C19 A16, D15 Copyright © 2011–2013, Texas Instruments Incorporated Terminal Description 69 Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |