Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 206 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 202Page - Texas Instruments AM3359 Datasheet HTML 203Page - Texas Instruments AM3359 Datasheet HTML 204Page - Texas Instruments AM3359 Datasheet HTML 205Page - Texas Instruments AM3359 Datasheet HTML 206Page - Texas Instruments AM3359 Datasheet HTML 207Page - Texas Instruments AM3359 Datasheet HTML 208Page - Texas Instruments AM3359 Datasheet HTML 209Page - Texas Instruments AM3359 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 236 page
background image
LCD_HSYNC
LCD_PCLK
(active mode)
LCD_D
[23:0]
(active mode)
ATA
1, L
P, L
2, L
PPLMSB + PPLLSB
16 x (1 to 2048)
HBP
(1 to 256)
Line L
(1 to 256)
HFP
(1 to 64)
HSW
Line 1 (Passive Only)
LCD_VSYNC
LCD_PCLK
(passive mode)
LCD_AC_BIAS_EN
LCD_D
[7:0]
(passive mode)
ATA
1, L
2, 1
P, 1
P, L
2, L
1, 1
10
10
8
6
4
5
1
2
3
VBP = 0
VFP = 0
VWS = 1
1
2
3
4
5
PPLMSB + PPLLSB
16 x (1 to 2048)
7
9
11
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
A.
The dashed portion of LCD_PCLK is only shown as a reference of the internal clock that sequences the other signals.
Figure 5-84. LCD Raster-Mode Control Signal Activation
206
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com