Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9914 Datasheet HTML 34Page - Analog Devices AD9914 Datasheet HTML 35Page - Analog Devices AD9914 Datasheet HTML 36Page - Analog Devices AD9914 Datasheet HTML 37Page - Analog Devices AD9914 Datasheet HTML 38Page - Analog Devices AD9914 Datasheet HTML 39Page - Analog Devices AD9914 Datasheet HTML 40Page - Analog Devices AD9914 Datasheet HTML 41Page - Analog Devices AD9914 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 38 of 48
Register
Name (Serial
Address)
Bit Range
(Parallel
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)1
Profile 7 (P7)
Phase/
Amplitude
Register
(0x1A)
[7:0]
(0x68)
Phase Offset Word 7[7:0]
N/A
[15:8]
(0x69)
Phase Offset Word 7[15:8]
N/A
[23:16]
(0x6A)
Amplitude Scale Factor 7[7:0]
N/A
[31:24]
(0x6B)
Open
Amplitude Scale Factor 7[11:8]
N/A
USR0 (0x1B)
[7:0]
(0x6C)
Requires register default value settings (0x00)
0x00
[15:8]
(0x6D)
Requires register default value settings (0x08)
0x08
[23:16]
(0x6E)
Requires register default value settings (0x00)
0x00
[31:24]
(0x6F)
Open
PLL lock
Read
only
1
A master reset is required after power up. The master reset returns the internal registers to their default values.
2
The DAC CAL enable bit must be manually set and then cleared after each power-up and every time REF CLK or the internal system clock is changed. This initiates an
internal calibration routine to optimize the setup and hold times for internal DAC timing. Failure to calibrate degrades ac performance or makes the part
nonfunctional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com