Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9914 Datasheet HTML 40Page - Analog Devices AD9914 Datasheet HTML 41Page - Analog Devices AD9914 Datasheet HTML 42Page - Analog Devices AD9914 Datasheet HTML 43Page - Analog Devices AD9914 Datasheet HTML 44Page - Analog Devices AD9914 Datasheet HTML 45Page - Analog Devices AD9914 Datasheet HTML 46Page - Analog Devices AD9914 Datasheet HTML 47Page - Analog Devices AD9914 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 44 of 48
Profile Registers
There are 16 serial I/O addresses (Address 0x0B to Address 0x01A)
dedicated to device profiles. Eight of the 16 profiles house up to
eight single tone frequencies. The remaining eight profiles contain
the corresponding phase offset and amplitude parameters
relative to the profile pin setting. To enable profile mode, set the
profile mode enable bit in CFR2 (0x01[23]) = 1. The active
profile register is selected using the external PS[2:0] pins.
Profile 0 to Profile 7, Single Tone Registers—0x0B, 0x0D, 0x0F, 0x11, 0x13, 0x15, 0x17, 0x19
Four bytes are assigned to each register.
Table 26. Bit Descriptions for Profile 0 to Profile 7 Single Tone Registers
Bit(s)
Mnemonic
Description
[31:0]
Frequency tuning word
This 32-bit number controls the DDS frequency.
Profile 0 to Profile 7, Phase Offset and Amplitude Registers—0x0C, 0x0E, 0x10, 0x12, 0x14, 0x16, 0x18, 0x1A
Four bytes are assigned to each register.
Table 27. Bit Descriptions for Profile 0 to Profile 7 Phase Offset and Amplitude Registers
Bit(s)
Mnemonic
Description
[31:28]
Open
Open.
[27:16]
Amplitude scale factor
This 12-bit word controls the DDS frequency. Note that the OSK enable bit (0x00[8]) must
be set to logic high to make amplitude adjustments.
[15:0]
Phase offset word
This 16-bit word controls the DDS frequency.
USR0 Register—Address 0x1B
Table 28. Bit Descriptions for USR0 Register
Bit(s)
Mnemonic
Description
[31:25]
Open
24
PLL lock
This is a readback bit only. If Logic 1 is read back, the PLL is locked. Logic 0 represents a
nonlocked state.
[23:0]
(See description)
These bits must always be programmed with the default values listed in the default column
in Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com