Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9914 Datasheet HTML 21Page - Analog Devices AD9914 Datasheet HTML 22Page - Analog Devices AD9914 Datasheet HTML 23Page - Analog Devices AD9914 Datasheet HTML 24Page - Analog Devices AD9914 Datasheet HTML 25Page - Analog Devices AD9914 Datasheet HTML 26Page - Analog Devices AD9914 Datasheet HTML 27Page - Analog Devices AD9914 Datasheet HTML 28Page - Analog Devices AD9914 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 25 of 48
Figure 38. Normal Ramp Generation
Normal Ramp Generation
Normal ramp generation implies that both no-dwell bits are
cleared (see the No-Dwell Ramp Generation section for details).
In Figure 38, a sample ramp waveform is depicted with the
required control signals. The top trace is the DRG output. The
next trace down is the status of the DROVER output pin (assuming
that the DRG over output enable bit is set). The remaining traces
are control bits and control pins. The pertinent ramp parameters
are also identified (upper and lower limits plus step size and Δt
for the positive and negative slopes). Along the bottom, circled
numbers identify specific events. These events are referred to by
number (Event 1 and so on) in the following paragraphs.
In this example, the positive and negative slopes of the ramp are
different to demonstrate the flexibility of the DRG. The parameters
of both slopes can be programmed to make the positive and
negative slopes the same.
Event 1—The digital ramp enable bit is set, which has no effect
on the DRG output because the bit is not effective until an I/O
update occurs.
Event 2—An I/O update registers the digital ramp enable bit. If
DRCTL = 1 is in effect (the gray portion of the DRCTL trace),
the DRG output immediately begins a positive slope (the gray
portion of the DRG output trace). Otherwise, if DRCTL = 0, the
DRG output is initialized to the lower limit.
Event 3—DRCTL transitions to Logic 1 to initiate a positive
slope at the DRG output. In this example, the DRCTL pin is
held long enough to cause the DRG to reach its programmed
upper limit. The DRG remains at the upper limit until the ramp
accumulator is cleared (DRCTL = 0) or the upper limit is
reprogrammed to a higher value. In the latter case, the DRG
immediately resumes its previous positive slope profile.
Event 4—DRCTL transitions to Logic 0 to initiate a negative
slope at the DRG output. In this example, the DRCTL pin is
held long enough to cause the DRG to reach its programmed
lower limit. The DRG remains at the lower limit until DRCTL = 1,
or until the lower limit is reprogrammed to a lower value. In the
latter case, the DRG immediately resumes its previous negative
slope profile.
Event 5—DRCTL transitions to Logic 1 for the second time,
initiating a second positive slope.
Event 6—The positive slope profile is interrupted by DRHOLD
transitioning to Logic 1. This stalls the ramp accumulator and
freezes the DRG output at its last value.
Event 7—DRHOLD transitions to Logic 0, releasing the ramp
accumulator and reinstating the previous positive slope profile.
Event 8—The clear digital ramp accumulator bit is set, which
has no effect on the DRG because the bit is not effective until an
I/O update is issued.
Event 9—An I/O update registers that the clear digital ramp
accumulator bit is set, resetting the ramp accumulator and forcing
the DRG output to the programmed lower limit. The DRG output
remains at the lower limit until the clear condition is removed.
Event 10—The clear digital ramp accumulator bit is cleared,
which has no effect on the DRG output because the bit is not
effective until an I/O update is issued.
Event 11—An I/O update registers that the clear digital ramp
accumulator bit is cleared, releasing the ramp accumulator; and
the previous positive slope profile restarts.
Event 12—The autoclear digital ramp accumulator bit is set,
which has no effect on the DRG output because the bit is not
effective until an I/O update is issued.
DRG OUTPUT
LOWER LIMIT
UPPER LIMIT
DRCTL
DRHOLD
AUTOCLEAR DIGITAL
RAMP ACCUMULATOR
CLEAR DIGITAL
RAMP ACCUMULATOR
I/O_UPDATE
POSITIVE
STEP SIZE
NEGATIVE
STEP SIZE
P DDS CLOCK CYCLES
N DDS CLOCK CYCLES
1 DDS CLOCK CYCLE
DIGITAL RAMP ENABLE
DROVER
–Δt
+Δt
1
2
3
4
5
6
7
8
9
10
11
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com