Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9914 Datasheet HTML 39Page - Analog Devices AD9914 Datasheet HTML 40Page - Analog Devices AD9914 Datasheet HTML 41Page - Analog Devices AD9914 Datasheet HTML 42Page - Analog Devices AD9914 Datasheet HTML 43Page - Analog Devices AD9914 Datasheet HTML 44Page - Analog Devices AD9914 Datasheet HTML 45Page - Analog Devices AD9914 Datasheet HTML 46Page - Analog Devices AD9914 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 43 of 48
Digital Ramp Rate Register—Address 0x08
This register is effective only if the digital ramp enable bit in the CFR2 register (0x01[19]) = 1. See the Digital Ramp Generator (DRG)
section for details.
Table 23. Bit Descriptions for Digital Ramp Rate Register
Bit(s)
Mnemonic
Description
[31:16]
Digital ramp negative slope
rate
16-bit digital ramp negative slope value that defines the time interval between decrement
values.
[15:0]
Digital ramp positive slope
rate
16-bit digital ramp positive slope value that defines the time interval between increment
values.
Lower Frequency Jump Register—Address 0x09
This register is effective only if the digital ramp enable bit (0x01[19]) = 1 and the frequency jump enable bit (0x01[14]) = 1 in the CFR2
register. See the Digital Ramp Generator (DRG) section for details.
Table 24. Bit Descriptions for Lower Frequency Jump Register
Bit(s)
Mnemonic
Description
[31:0]
Lower frequency jump
point
32-bit digital lower frequency jump value. Any time the lower frequency jump value is
reached during a frequency sweep, the output frequency jumps to the upper frequency
value instantaneously and continues frequency sweeping in a phase-continuous manner.
Upper Frequency Jump Register—Address 0x0A
This register is effective only if the digital ramp enable bit (0x01[19]) = 1 and the frequency jump enable bit (0x01[14]) = 1 in the CFR2
register. See the Digital Ramp Generator (DRG) section for details.
Table 25. Bit Descriptions for Upper Frequency Jump Register
Bit(s)
Mnemonic
Description
[31:0]
Upper frequency jump
point
32-bit digital upper frequency jump value. Any time the upper frequency jump value is
reached during a frequency sweep, the output frequency jumps to the lower frequency
value instantaneously and continues frequency sweeping in a phase-continuous manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com