Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9914 Datasheet HTML 25Page - Analog Devices AD9914 Datasheet HTML 26Page - Analog Devices AD9914 Datasheet HTML 27Page - Analog Devices AD9914 Datasheet HTML 28Page - Analog Devices AD9914 Datasheet HTML 29Page - Analog Devices AD9914 Datasheet HTML 30Page - Analog Devices AD9914 Datasheet HTML 31Page - Analog Devices AD9914 Datasheet HTML 32Page - Analog Devices AD9914 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 29 of 48
Figure 41. Parallel Port Block Diagram
The 32-pin parallel port of the AD9914 works in conjunction
with an independent set of four function pins that control the
functionality of the parallel port. The 32 pins of the parallel port
constitute a 32-bit word designated by Bits[31:0] (31 indicating
the most significant bit (MSB) and 0 indicating the least significant
bit (LSB)), with the four function pins designated as F[3:0]. The
relationship between the function pins, the 32-pin parallel port,
the internal programming registers, and the DDS control
parameters (frequency, phase, and amplitude) is illustrated in
Figure 41. Note that the parallel port operates in three different
modes as defined by the function pins.
The parallel mode is in effect when the logic levels applied to
the function pins are F[3:0] = 0000. This allows the parallel port
to function as a parallel interface providing access to all of the
device programming registers. In parallel mode, the 32-pin port
(Bits[31:0]) is subdivided into three groups with Bits[31:16]
constituting 16 data bits, Bits[15:8] constituting eight address
bits, and Bits[2:0] constituting three control bits. The address
bits target a specific device register, whereas the data bits
constitute the register content. The control bits establish read or
write functionality as well as set the width of the data bus. That
is, the user can select whether the data bus spans 16 bits
(Bits[31:16]) or eight bits (Bits[23:16]). The parallel mode
allows the user to write to the device registers at rates of up to
200 MBps using 16-bit data (or 100 MBps using 8-bit data).
The serial mode is in effect when the logic levels applied to the
function pins are F[3:0] = 0001. This allows the parallel port to
function as a serial interface providing access to all of the device
programming registers. In this mode, only five pins of the 32-pin
parallel port are functional (Bits[4:0]). These pins provide chip
select (CS), serial clock (SCLK), and I/O synchronization
(SYNCIO) functionality for the serial interface, as well as two
serial data lines (SDO and SDIO). The serial mode supports
data rates of up to 80 Mbps.
When the logic levels applied to the function pins are F[3:0] =
0010 to 1101 (note that 1110 and 1111 are unused), the parallel
port functions as a high speed interface with direct access to the
32-bit frequency, 16-bit phase, and 12-bit amplitude parameters
of the DDS core. The table in Figure 41 shows the segmentation
of the 32-pin parallel port by identifying Bits[31:0] with the
frequency (FTW[31:0]), phase (POW[15:0]), and amplitude
(AMP[15:0]) parameters of the DDS. Note, however, that
although AMP[15:0] indicate 16-bit resolution, the actual
amplitude resolution is 12 bits. Therefore, only AMP[11:0]
provide amplitude control (that is, AMP[15:12] are not used).
PARALLEL
PORT PINS
4
DECODE
D Q
CK
32
ROUTING
LOGIC
32
32
32
27
8
8
8
WR
RD
DIRECT MODES
5
SDO
SYNCIO
SDIO
SCLK
CS
PARALLEL MODE
SERIAL MODE
FTW
FREQUENCY
PHASE
AMPLITUDE
DDS
32
16
12
POW
AMP
0000
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
0001
0010
PARALLEL MODE
SERIAL MODE
DIRECT MODE
OSK ENABLE
NOTES
1. AMP[11:0] CONTROLS AMPLITUDE. AMP[15:12] UNUSED.
FUNCTION
PINS
FUNCTION PINS AND DIRECT MODE
BITS[31:0] VS. FTW, POW, AMP
F[3:0]
BITS[31:0]
F[3:0] BITS[31:24] BITS[23:16] BITS[15:8]
BITS[7:0]
FTW[31:24]
FTW[15:8]
POW[15:8]
AMP[11:8]
FTW[31:24]
FTW[31:24]
FTW[31:24]
FTW[31:24]
FTW[23:16]
FTW[23:16]
FTW[23:16]
FTW[23:16]
FTW[23:16]
FTW[7:0]
POW[7:0]
AMP[7:0]
FTW[23:16]
FTW[23:16]
FTW[23:16]
FTW[23:16]
FTW[15:8]
FTW[15:8]
FTW[15:8]
FTW[15:8]
FTW[15:8]
FTW[31:24]
AMP[11:8]
POW[15:8]
FTW[15:8]
FTW[15:8]
FTW[15:8]
FTW[15:8]
FTW[7:0]
FTW[7:0]
FTW[7:0]
FTW[7:0]
FTW[7:0]
FTW[23:16]
AMP[7:0]
POW[7:0]
AMP[15:8]
POW[15:8]
AMP[7:0]
POW[7:0]
AMP[15:8]
POW[15:8]
AMP[7:0]
POW[7:0]
PROGRAMMING
REGISTERS
IO_UPDATE
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SERIAL
CONTROL
SYSTEM
CLOCK
SYNC_CLK
PARALLEL
CONTROL
BITS[31:24]
BITS[23:16]
BITS[15:8]
BIT 2
BIT 1
BIT 0
D[15:8]
D[7:0]
A[7:0]
16 BITS/8 BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com