Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9914 Datasheet HTML 20Page - Analog Devices AD9914 Datasheet HTML 21Page - Analog Devices AD9914 Datasheet HTML 22Page - Analog Devices AD9914 Datasheet HTML 23Page - Analog Devices AD9914 Datasheet HTML 24Page - Analog Devices AD9914 Datasheet HTML 25Page - Analog Devices AD9914 Datasheet HTML 26Page - Analog Devices AD9914 Datasheet HTML 27Page - Analog Devices AD9914 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 24 of 48
DRG Slope Control
The core of the DRG is a 32-bit accumulator clocked by a
programmable timer. The time base for the timer is the DDS
clock, which operates at 1/24 fSYSCLK. The timer establishes the
interval between successive updates of the accumulator. The
positive (+Δt) and negative (−Δt) slope step intervals are
independently programmable as given by
SYSCLK
f
P
t
24
=
∆
+
SYSCLK
f
N
t
24
=
∆
−
where P and N are the two 16-bit values stored in the 32-bit digital
ramp rate register and control the step interval. N defines the step
interval of the negative slope portion of the ramp. P defines the step
interval of the positive slope portion of the ramp.
The step size of the positive (STEPP) and negative (STEPN) slope
portions of the ramp are 32-bit values programmed into the 32-bit
rising and falling digital ramp step size registers (0x06 and 0x07).
Program each of the step sizes as an unsigned integer (the hardware
automatically interprets STEPN as a negative value). The
relationship between the 32-bit step size values and actual units
of frequency, phase, or amplitude depend on the digital ramp
destination bits. Calculate the actual frequency, phase, or amplitude
step size by substituting STEPN or STEPP for M in the following
equations as required:
SYSCLK
f
M
Step
Frequency
=
32
2
31
2
M
Step
Phase
π
=
(radians)
29
2
45M
Step
Phase
=
(degrees)
FS
I
M
Step
Amplitude
=
32
2
Note that the frequency units are the same as those used to
represent fSYSCLK (MHz, for example). The amplitude units are
the same as those used to represent IFS, the full-scale output
current of the DAC (mA, for example).
The phase and amplitude step size equations yield the average
step size. Although the step size accumulates with 32-bit precision,
the phase or amplitude destination exhibits only 16 bits or 12 bits,
respectively. Therefore, at the destination, the actual phase or
amplitude step is the accumulated 32-bit value truncated to
16 bits or 12 bits, respectively.
As described previously, the step interval is controlled by a
16-bit programmable timer. There are three events that can
cause this timer to be reloaded prior to its expiration. One event
occurs when the digital ramp enable bit transitions from cleared
to set, followed by an I/O update. A second event is a change of
state in the DRCTL pin. The third event is enabled using the load
LRR at I/O update bit (0x00[15]).
DRG Limit Control
The ramp accumulator is followed by limit control logic that
enforces an upper and lower boundary on the output of the
ramp generator. Under no circumstances does the output of the
DRG exceed the programmed limit values while the DRG is
enabled. The limits are set through the 64-bit digital ramp limit
register. Note that the upper limit value must be greater than the
lower limit value to ensure normal operation.
DRG Accumulator Clear
The ramp accumulator can be cleared (that is, reset to 0) under
program control. When the ramp accumulator is cleared, it forces
the DRG output to the lower limit programmed into the digital
ramp limit register.
With the limit control block embedded in the feedback path of the
accumulator, resetting the accumulator is equivalent to presetting
it to the lower limit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com