Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9914 Datasheet HTML 10Page - Analog Devices AD9914 Datasheet HTML 11Page - Analog Devices AD9914 Datasheet HTML 12Page - Analog Devices AD9914 Datasheet HTML 13Page - Analog Devices AD9914 Datasheet HTML 14Page - Analog Devices AD9914 Datasheet HTML 15Page - Analog Devices AD9914 Datasheet HTML 16Page - Analog Devices AD9914 Datasheet HTML 17Page - Analog Devices AD9914 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 14 of 48
Figure 16. Absolute Phase Noise Curves of Normalized REF CLK Source to
DDS Output at 1396 MHz (SYSCLK = 3.5 GHz)
Figure 17. Residual Phase Noise Curves
Figure 18. Power Supply Current vs. SYSCLK
Figure 19. Absolute Phase Noise Curves of DDS Output Using Internal PLL at
2.5 GHz Operation
Figure 20. Residual PN vs. Absolute PN Measurement Curves at 1396 MHz
Figure 21. Residual Phase Noise vs. Normalized Absolute REF CLK Source
Phase Noise at 1396 MHz
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–90
–80
–100
–110
–120
–130
–140
–150
–160
–170
1396MHz
NORMALIZED
REF CLK SOURCE
–60
–90
–80
–70
–100
–110
–120
–130
–140
–150
–160
–170
–180
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
427MHz
1396MHz
696MHz
171MHz
0.5
0.4
0.3
0.2
0.1
0
500
1000
4000
3500
3000
2500
2000
1500
SYSTEM CLOCK (MHz)
3.3V ANALOG
3.3V DIGITAL
1.8V ANALOG
1.8V DIGITAL
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–90
–80
–100
–110
–120
–130
–140
–150
–160
–170
978MHz
305MHz
123MHz
497MHz
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
1396MHz ABSOLUTE
1396MHz RESIDUAL
–60
–90
–80
–70
–100
–110
–120
–130
–140
–150
–160
–60
–90
–80
–70
–100
–110
–120
–130
–140
–150
–160
–170
–180
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
1396MHz ABSOLUTE
1396MHz RESIDUAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com