Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9914 Datasheet HTML 27Page - Analog Devices AD9914 Datasheet HTML 28Page - Analog Devices AD9914 Datasheet HTML 29Page - Analog Devices AD9914 Datasheet HTML 30Page - Analog Devices AD9914 Datasheet HTML 31Page - Analog Devices AD9914 Datasheet HTML 32Page - Analog Devices AD9914 Datasheet HTML 33Page - Analog Devices AD9914 Datasheet HTML 34Page - Analog Devices AD9914 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 31 of 48
SERIAL PROGRAMMING
To enable SPI operations, set Pin 28 (F0) to logic high and Pin 29
to Pin 31 (F1 to F3) to logic low. To program the AD9914 with a
parallel interface, see the Parallel Programming section.
CONTROL INTERFACE—SERIAL I/O
The AD9914 serial port is a flexible, synchronous serial commu-
nications port allowing easy interface to many industry-standard
microcontrollers and microprocessors. The serial I/O is compatible
with most synchronous transfer formats.
The interface allows read/write access to all registers that configure
the AD9914. MSB-first or LSB-first transfer formats are supported.
In addition, the serial interface port can be configured as a single
pin input/output (SDIO) allowing a 2-wire interface, or it can be
configured as two unidirectional pins for input/output (SDIO
and SDO), enabling a 3-wire interface. Two optional pins
(I/O_SYNC and CS) enable greater flexibility for designing
systems with the AD9914.
Table 11. Serial I/O Pin Description
Pin No.
Mnemonic
Serial I/O Description
18
D4/SYNCIO
SYNCIO
19
D3/SDO
SDO
20
D2/SDIO/WR
SDIO
21
D1/SCLK/RD
SCLK
22
D0/CS/PWD
CS—chip select
GENERAL SERIAL I/O OPERATION
There are two phases to a serial communications cycle. The first
is the instruction phase to write the instruction byte into the
AD9914. The instruction byte contains the address of the register
to be accessed and defines whether the upcoming data transfer
is a write or read operation.
For a write cycle, Phase 2 represents the data transfer between
the serial port controller to the serial port buffer. The number
of bytes transferred is a function of the register being accessed.
For example, when accessing Control Function Register 2
(Address 0x01), Phase 2 requires that four bytes be transferred.
Each bit of data is registered on each corresponding rising edge
of SCLK. The serial port controller expects that all bytes of the
register be accessed; otherwise, the serial port controller is put
out of sequence for the next communication cycle. However,
one way to write fewer bytes than required is to use the SYNCIO
pin feature. The SYNCIO pin function can be used to abort an
I/O operation and reset the pointer of the serial port controller.
After a SYNCIO, the next byte is the instruction byte. Note that
every completed byte written prior to a SYNCIO is preserved in
the serial port buffer. Partial bytes written are not preserved. At
the completion of any communication cycle, the AD9914 serial
port controller expects the next eight rising SCLK edges to be
the instruction byte for the next communication cycle.
After a write cycle, the programmed data resides in the serial
port buffer and is inactive. I/O_UPDATE transfers data from
the serial port buffer to active registers. The I/O update can be
sent either after each communication cycle or when all serial
operations are complete. In addition, a change in profile pins
can initiate an I/O update.
For a read cycle, Phase 2 is the same as the write cycle with the
following differences: data is read from the active registers, not
the serial port buffer, and data is driven out on the falling edge
of SCLK.
Note that, to read back any profile register (0x0B to 0x1A), the
three external profile pins must be used. For example, if the
profile register is Profile 5 (0x15), the PS[0:2] pins must equal
101.This is not required to write to the profile registers.
INSTRUCTION BYTE
The instruction byte contains the following information as
shown in the instruction byte information bit map.
Instruction Byte Information Bit Map
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
X
A5
A4
A3
A2
A1
A0
R/W—Bit 7 of the instruction byte determines whether a read
or write data transfer occurs after the instruction byte write.
Logic 1 indicates a read operation. Logic 0 indicates a write
operation.
X—Bit 6 of the instruction byte is don’t care.
A5, A4, A3, A2, A1, A0—Bit 5, Bit 4, Bit 3, Bit 2, Bit 1, and Bit 0
of the instruction byte determine which register is accessed
during the data transfer portion of the communications cycle.
SERIAL I/O PORT PIN DESCRIPTIONS
SCLK—Serial Clock
The serial clock pin is used to synchronize data to and from the
AD9914 and to run the internal state machines.
CS—Chip Select Bar
CS is an active low input that allows more than one device on
the same serial communications line. The SDO and SDIO pins
go to a high impedance state when this input is high. If driven
high during any communications cycle, that cycle is suspended
until CS is reactivated low. Chip select (CS) can be tied low in
systems that maintain control of SCLK.
SDIO—Serial Data Input/Output
Data is always written into the AD9914 on this pin. However,
this pin can be used as a bidirectional data line. Bit 1 of CFR1
(0x00) controls the configuration of this pin. The default is
Logic 0, which configures the SDIO pin as bidirectional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com