Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9914 Datasheet HTML 18Page - Analog Devices AD9914 Datasheet HTML 19Page - Analog Devices AD9914 Datasheet HTML 20Page - Analog Devices AD9914 Datasheet HTML 21Page - Analog Devices AD9914 Datasheet HTML 22Page - Analog Devices AD9914 Datasheet HTML 23Page - Analog Devices AD9914 Datasheet HTML 24Page - Analog Devices AD9914 Datasheet HTML 25Page - Analog Devices AD9914 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 22 of 48
PLL Charge Pump/Total Feedback Divider
The charge pump current (ICP) value is automatically chosen via
the VCO calibration process and N value (N = 10 to 255) stored
in Feedback Divider N[7:0] in the CFR3 register (0x02[15:8]). N
values below 10 should be avoided.
Note that the total PLL multiplication value for the PLL is always
2N due to the fixed divide by 2 element in the feedback path.
This is shown in Figure 34. This fixed divide by 2 element forces
only even PLL multiplication.
To manually override the charge pump current value, the manual
ICP selection bit in CFR3 (0x02[6]) must be set to Logic 1. This
provides the user with additional flexibility to optimize the PLL
performance. Table 7 lists the bit settings vs. the nominal charge
pump current.
Table 7. PLL Charge Pump Current
ICP Bits (CFR3[5:3])
Charge Pump Current, ICP (μA)
000
125
001
250
010
375
011
500 (default)
100
625
101
750
110
875
111
1000
Table 8. N divider vs. Charge Pump Current
N Divider Range
Recommended Charge Pump
Current, ICP (μA)
10 to 15
125
16 to 23
250
24 to 35
375
36 to 43
500
44 to 55
625
56 to 63
750
64 to 79
875
80 to 100
1000
PLL Loop Filter Components
The loop filter is mostly internal to the device, as shown in
Figure 34. The recommended external capacitor value is 560 pF.
Because CP and RPZ are integrated, it is not recommended to
adjust the loop bandwidth via the external capacitor value. The
better option is to adjust the charge pump current even though
it is a coarse adjustment.
For example, suppose the PLL is manually programmed such
that ICP = 375 μA, KV = 60 MHz/V, and N = 25. This produces a
loop bandwidth of approximately 250 kHz.
Figure 34. REF CLK PLL External Loop Filter
PLL LOCK INDICATION
When the PLL is in use, the PLL lock bit (0x1B[24])provides an
active high indication that the PLL has locked to the REF CLK
input signal.
OUTPUT SHIFT KEYING (OSK)
The OSK function (see Figure 35) allows the user to control the
output signal amplitude of the DDS. The amplitude data generated
by the OSK block has priority over any other functional block
that is programmed to deliver amplitude data to the DDS.
Therefore, the OSK data source, when enabled, overrides all
other amplitude data sources.
The operation of the OSK function is governed by two CFR1
register bits, OSK enable (0x00[8]) and external OSK enable
(0x00[9]), the external OSK pin, the profile pins, and the 12 bits
of amplitude scale factor found in one of eight profile registers.
The profile pins are used to select the profile register containing
the desired amplitude scale factor.
The primary control for the OSK block is the OSK enable bit
(0x00[8]). When the OSK function is disabled, the OSK input
controls and OSK pin are ignored.
The OSK pin functionality depends on the state of the external
OSK enable bit and the OSK enable bit. When both bits are set
to Logic 1 and the OSK pin is Logic 0, the output amplitude is
forced to 0; otherwise, if the OSK pin is Logic 1, the output
amplitude is set by the amplitude scale factor value in one of
eight profile registers depending on the profile pin selection.
Figure 35. OSK Block Diagram
PFD
CP
LOOP_FILTER
VCO
÷N
÷2
PLL OUT
PLL IN
REFCLK PLL
RPZ (3.5kΩ)
CZ = 560pF (RECOMMENDED)
59
58
REF
0.47µF
CP
50pF
OSK ENABLE
EXTERNAL
OSK ENABLE
12
OSK
DDS CLOCK
12
PS0 PS1 PS2
25
26
27
66
TO DDS
AMPLITUDE
CONTROL
PARAMETER
OSK
CONTROLLER
AMPLITUDE SCALE
FACTOR (1 OF 8
SELECTED PROFILE
REGISTERS [27:16])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com