Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 3Page - Omron Electronics LLC G6H Datasheet HTML 4Page - Omron Electronics LLC G6H Datasheet HTML 5Page - Omron Electronics LLC G6H Datasheet HTML 6Page - Omron Electronics LLC G6H Datasheet HTML 7Page - Omron Electronics LLC G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC G6H Datasheet HTML 10Page - Omron Electronics LLC G6H Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Relays - Power PCB
9
G5NB
G5SB
G6D-ASI
G5NB-E
Features
Electrical service life
(@ 1800 ops./hr.)
Coil Information
Coil voltage
Approved standards
Contact Information
Contact form
• Small compact form for 10 kV
impulse and 5A switching
capability
• Meets EN tracking resistance
CTI>250
200,000 (resistive):
3A @ 30VDC
100,000:
5A @ 250VAC
• High capacity 5A version
available
• Meets EN tracking resistance
CTI>250
• HA version for home
appliances
(resistive load)
200,000 (resistive):
3A @ 125VAC/30VDC
• High insulation between coil &
contact
• Impulse withstand of 8kV
• Fully Sealed
• Incorporates 5A NO contact
For resistive loads:
200,000: 3 A (NO)/3 A (NC) at
125 VAC; 50,000: 5 A (NO)/3 A (NC)
at 125 VAC; 50,000: 5 A (NO) at
250 VAC; 10,000: 3 A (NC) at
250 VAC; 10,000: 5 A (NO)/3 A (NC)
at 30 VDC
UL, CSA, VDE
UL, CSA, VDE
UL, CSA, VDE
UL, CSA, TUV, SEV
Terminal choices
PCB
PCB
PCB
PCB
Dimensions mm (in)
15.3 H x 20.5 L x 7.2 W
(0.60 x 0.81 x 0.28) max.
15.3 H x 20.5 L x 7.2 W
(0.60 x 0.81 x 0.28)
15.8 H x 20.3 L x 10.3 W
(0.62 x 0.80 x 0.41)
12.5 H x 17.5 L x 6.5 W
(0.49 x 0.69 x 0.26)
Operating temperature
-40 to +85°C
-40 to +70°C
-40 to +70°C
-25 to +70°C
1 Form A
1 Form A
1 Form A
1 Form A
Contact type(s)
Single button
Single button
Single button
Single button
Contact material(s)
AgSnIn
AgNi
AgNi/AgSnIn
AgNi/AgSnIn
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
10kV
10kV
8kV
6kV
• Subminiature, slim lightweight
design
• Low power consumption
• Fully Sealed
Minimum permissible load
(for reference only)
10mA @ 5VDC
10mA @ 5VDC
10mA @ 5VDC
10mA @ 5VDC
5, 12, 18, 24VDC
5, 12, 18, 24VDC
5, 9, 12, 24VDC
5, 12, 24, 48, 110/120VDC
Power consumption
200mW
200mW
400mW
200mW
300,000: 2A @ 30VDC/250VAC
70,000: 5A @ 30VDC/250VAC
Accessories
N/A
N/A
N/A
Socket for back connecting,
sockets with PCB terminals
Insulation class
Class B
Class A
Class B
Class B
General Attributes
Switching
3A/5A
3A/5A
5A(NO)/3A(NC)
5A
4,000VAC (coil-contact)
750VAC (open contacts)
4,000VAC (coil-contact)
750VAC (open contacts)
4,000VAC (coil-contact)
1,000VAC (open contacts)
3,000VAC (coil-contact)
750VAC (open contacts)
Dielectric strength
(50/60 Hz for 1 minute)
Characteristics
Max. switching capacity
(and resistive load)
1,250VA, 90W
375VA, 90W
1,250VA, 150W(NO)
750VA, 30W(NC)
1,250VA, 150W
Protection level
Semi-sealed
Semi-sealed
Semi-sealed
Semi-sealed
NEW!
NEW!
NEW!
ECbodyREADERS.indd 9
ECbodyREADERS.indd 9
7/14/06 11:21:49 PM
7/14/06 11:21:49 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com