Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 4Page - Omron Electronics LLC G6H Datasheet HTML 5Page - Omron Electronics LLC G6H Datasheet HTML 6Page - Omron Electronics LLC G6H Datasheet HTML 7Page - Omron Electronics LLC G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC G6H Datasheet HTML 10Page - Omron Electronics LLC G6H Datasheet HTML 11Page - Omron Electronics LLC G6H Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Relays - Power PCB
10
G6DS
G2RG
G6B
G6M
Features
Coil Information
Coil voltage
Contact Information
Contact form
• Slim 5mm width, & reduced
PCB area (103mm2) ideal for
high-density mounting
• Highly efficient magnetic circuit
for high sensitivity
• UL Class I, Division II approved
for hazardous locations
5, 12, 24VDC
• Slim 5mm for max. density mounting
• High sensitive coil option reduces
power consumption
• Meets EN reinforced insulation
requirement for control equipment
• Fully sealed
• Resistant to mechanical shock
5, 12, 24VDC
• 1.5mm contact gap x 2
poles=3mm total gap meeting
UPS standards
• Dimensions & mounting holes
are same as G2R relay series
• Sealed construction, standard
• Meets EN tracking resistance
CTI > 250
• UL508/CSA 22.2
12, 24VDC
Terminal choices
PCB
PCB
PCB
PCB
Dimensions mm (in)
17.7 H x 20.3 L x 5.08 W
(0.70 x 0.80 x 0.20)
12.4 H x 20 L x 5.0 W
(0.60 x 0.81 x 0.28)
25.5 H x 29 L x 13 W
(1.00 x 1.14 x 0.51)
9.91 H x 20.07 L x 9.91 W
(0.39 x 0.79 x 0.39)
Operating temperature
-40 to +85°C
-40 to +85°C
-40 to +70°C
-25 to +70°C
1 Form A
1 Form A
2 Form A
1 Form A, 2 Form A, 2 Form B
1 Form A + 1 Form B
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
5.08kV
6kV
10kV
—
• Subminiature and low power
• Sealed construction standard
• Single & dual coil latching
available
Minimum permissible load
(for reference only)
10mA @ 5VDC
5mA @ 24VDC
10mA @ 5VDC
10mA @ 5VDC
5, 6, 12, 24VDC
Power consumption
120mW
180mW
120mW (high-sensitivity)
800mW
200mW (1 pole)
300mW (2 pole)
Electrical service life
(@ 1800 ops./hr.)
(resistive load)
100,000: 3A @ 30VDC/250VAC
6,000: 5A @ 250VAC/24VDC
100,000: 5A @ 30VDC/250VAC
80,000 (high sensitivity):
5A @ 30VDC/250VAC
10,000: 8A @ 250VAC
100,000: 5A @ 30 VDC/250VAC
8A @ 30 VDC/250VAC (high-
capacity)
Accessories
N/A
Socket for back connecting,
sockets with PCB terminals
N/A
Sockets & clips for back connecting
sockets with PCB terminals
Insulation class
Class B
Class B
Class B
Class A
Approved standards
UL, CSA, VDE, EN, IEC 61131-2,
IEC 61010
UL, CSA, VDE
UL, CSA, VDE (O700/0110)
UL, CSA, (FCC Part 68)
SEV, TUV, IEC
Protection level
Fully sealed
Fully Sealed
Fully sealed
General Attributes
Switching
5A
5A
8A
8A/5A
Contact type(s)
Single button
Single button
Single button
Single button
Contact material(s)
Ag-Alloy
AgNi
AgSnO2
AgSnO2
3,000VAC, (coil-contact)
750VAC, (open contacts)
3,000VAC (coil-contacts)
750VAC (open contacts)
5,000VAC, (coil-contact)
3,000VAC, (contacts pole-pole)
1,000VAC (open contacts)
4,000VAC (coil-contact)
2,000VAC (contacts pole-pole)
1,000VAC (open contacts)
Dielectric strength
(50/60 Hz for 1 minute)
Characteristics
Max. switching capacity
(resistive load)
750VA, 90W
1,250VA, 150W
2,000 VA
1,250VA, 150W
2,000VA, 240W (high-capacity type)
Fully sealed
NEW!
NEW!
ECbodyREADERS.indd 10
ECbodyREADERS.indd 10
7/14/06 11:22:05 PM
7/14/06 11:22:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com