Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 10Page - Omron Electronics LLC G6H Datasheet HTML 11Page - Omron Electronics LLC G6H Datasheet HTML 12Page - Omron Electronics LLC G6H Datasheet HTML 13Page - Omron Electronics LLC G6H Datasheet HTML 14Page - Omron Electronics LLC G6H Datasheet HTML 15Page - Omron Electronics LLC G6H Datasheet HTML 16Page - Omron Electronics LLC G6H Datasheet HTML 17Page - Omron Electronics LLC G6H Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Relays - General Purpose
16
G2R-S (S)
G7L
G7J
Dimensions mm (in)
Minimum permissible load
(@1800 ops./hr.)
Features
Operating temperature
Electrical service life
(@ 1800 ops./hr.)
(resistive load)
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
Insulation class
Contact type(s)
Contact material(s)
Coil Information
Coil voltage
Power consumption
Terminal choices
Accessories
Approved standards
Contact Information
Contact form
UL, CSA, TUV, CE, IEC
Quick-connect, screw, PCB
64 H x 53.5 L x 34.5 W
(2.52 x 2.11 x 1.36)
-25ºC to +60°C
4 Form A, 3 Form A/1 Form B,
2 Form A/2 Form B
Single button
Ag Alloy
10kV (coil-contacts)
Class A, Class B (available)
• Variety of contact forms
• Ideal for 3 phase motor control
• 4 pole mini contactor
• DIN rail mountable
• Minimal chattering
• UL94V-0
100mA @ 24VDC
6, 12, 24, 48, 100/110VDC;
6, 12, 24, 50, 100/120,
200/240VAC
1.8 to 2.6VA, 2.0W
100,000 min. (at rated loads)
(see data sheet for more information)
R99-04V for G5D W-bracket
UL, CSA
Plug-in
35.5 H x 29 L x 13 W
(1.40 x 1.14 x .51)
-40 to +70°C
1 Form C
2 Form C
Single button, bifurcated crossbar
Ag Alloy
8kV
• Nameplate and mechanical flag
indicator standard
• LED diode, and lockable test
button option available
• Socket mount 10A relay (1-pole)
100mA @ 5VDC ,
10mA @ 5VDC (2 pole)
6, 12, 24, 48VDC;
24, 110 120, 230, 240VAC
0.9VA, 0.53W
100,000 min. (at rated loads)
(see data sheet for more information)
Sockets for track mount, sockets
with screw terminals, & back
connecting sockets with solder &
PCB terminals. Note: P2RF-S series
screwless clamp terminal socket
available. SSR option: G3R.
Class A
UL, CSA, TUV, CE, VDE available
Quick-connect, screw, PCB
49.02 H x 68.58 L x 34.54 W
(1.93 x 2.70 x 1.36)
-20ºC to +85°C
1 Form A-(Double Make)
2 Form A-(Double Make)
Single button
Ag Alloy
10kV (coil-contacts)
• Reliable high power relay
• 3 mm contact gap
• Conforms to IEC 950/UL 1950
• Class B insulation standard
• Most cost effective solution in
its class.
• Ideal for pump, motor loads
100mA @ 5VDC
12, 24, 48, 100VDC;
12, 24, 100/120, 200/240VAC
1.7 to 2.5VA, 1.9W
100,000 min. (at rated loads)
(see data sheet for more information)
R99-07G5D E bracket;
P7LF-D adapter;
P7LF-06 front connecting socket
Class B
4,000VAC (coil-contacts)
4,000VAC (different polarity)
2,000VAC (open contacts)
1 pole: 5,000VAC (coil-contacts)
1,000VAC (open contacts)
2 pole: 5,000VAC (coil-contacts)
3,000VAC (different polarity)
1,000VAC (open contacts)
4,000VAC (coil-contacts)
2,000VAC (different polarity)
2,000VAC (open contacts)
Protection level
Unsealed
Semi-sealed
Unsealed
Unsealed
Semi-sealed
General Attributes
Switching
25A max.
1 pole: 10A max.
2 pole: 5A max.
30A max.
Dielectric strength
(50/60 Hz for 1 minute)
Characteristics
Maximum
switching capacity
5,500VA, 750W (NO contacts)
1,760VA, 240W (NC contacts)
2,500VA, 300W
(1-pole resistive load)
4,400VA
G2RV
Relay: Quick-connect
Socket: screw terminals, push-in
wire connections (sold separately)
91.0 H x 94.0 L x 6.1 W
(3.58 x 3.7 x 0.24)
Relay & terminal block
-40ºC to +60ºC
1 Form C
Crossbar
Ag Alloy
6kV
• Slimmest control relay available
• Capable of switching both electrical
control loads (6A) and signal level
loads (1mA)
• Relay available separately
• Sealed for unprotected environments
5mA @ 5VDC
12, 24, 48VDC
24, 48, 110, 230VAC
300mW
6,000: 6A @ 30 VDC /250VAC
Socket: G2RV-SL (UL 508)
SSR Option: G3MB / G3MC
Class A
4,000VAC (coil-contacts)
1,000VAC (open contacts)
Semi-sealed
6A max.
1,500VA, 18W (resistive load)
NEW!
UL, CSA, VDE, IEC, LR, CE
ECbodyREADERS.indd 16
ECbodyREADERS.indd 16
7/14/06 11:23:10 PM
7/14/06 11:23:10 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com