Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 11Page - Omron Electronics LLC G6H Datasheet HTML 12Page - Omron Electronics LLC G6H Datasheet HTML 13Page - Omron Electronics LLC G6H Datasheet HTML 14Page - Omron Electronics LLC G6H Datasheet HTML 15Page - Omron Electronics LLC G6H Datasheet HTML 16Page - Omron Electronics LLC G6H Datasheet HTML 17Page - Omron Electronics LLC G6H Datasheet HTML 18Page - Omron Electronics LLC G6H Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Relays - General Purpose
17
G7Z
MGN
MJN
MJN
Dimensions mm (in)
Minimum permissible load
(@1800 ops./hr.)
Features
Operating temperature
Electrical service life
(@ 1800 ops./hr.)
(resistive load)
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
Insulation class
Contact type(s)
Contact material(s)
Coil Information
Coil voltage
Power consumption
Terminal choices
Accessories
Approved standards
Contact Information
Contact form
UL, CSA
Quick-connect plug-in
48.38 H x 35.56 L x 38.73 W
(1.91 x 1.40 x 1.53)
-45ºC to +60°C (1 & 2 pole AC coil), + 70°C (DC coil)
-45ºC to +45°C (3 pole AC coil)
-45ºC to +70°C (3 pole DC coil)
1 Form C, 2 Form C, 3 Form C (monostable);
1 Form C, 2 Form C (latching/unlatching)
Single button
3/16” diameter AgCdO2
N/A
Class A
• Rugged power driver offers superior 3/16”
through-air & 3/8” over-surface spacing
• Interlocked frame & contact block prevent
contact misalignment during plug-in
• Indicator lamp, push-to-operate options
• 10A-30A in same package
• Continous duty at 125% coil voltage
N/A
6, 12, 24, 120VAC
5, 6, 12, 24, 48, 110VDC
AC 1.7VA (1, 2PDT)
2.0VA (3PDT DC 1.2W
100,000 min.
10A @ 28VDC/240VAC
20A @ 28VDC/277VAC
30A @ 28VDC
PTF11PC Socket; PTF11QDC Socket; PTF21PC
Socket;
PTFPCB Socket; PYMJN-PCB Retaining Clips;
PYMJN-S Retaining Clips
UL, CSA, TUV, VDE
Screw
84 H x 62 L x 45 W
(3.31 x 2.44 x 1.77)
-25ºC to +60ºC
4A, 3A/1B, 2A/2B
Bifurcated Crossbar
AgSnIn
10kV (coil to contacts or different polarity)
4.5kV (open contacts)
• Each pole able to switch and carry 40A in
parallel
• Capable of switching up to 160A
• Reduced power consumption & size
• Low noise
• Safety function included as standard
• Optional auxiliary contact block enables
concurrent signal (1mA) switching
2A @ 24VDC
<1mA @ 5VDC (auxiliary contact block)
12, 24VDC
3.7W
100,000: 5A @ 110VDC (at 1,2000 ops/hr)
80,000: 40A @ 440VAC
Auxiliary Contact Block (2 poles of 4 poles)
Signal level switching capability (2 poles of
4 poles)
Class B
750VAC, rms 60Hz across open contacts;
2,500VAC, rms 60Hz all other mutually
insulated elements
4,000VAC (coil-contacts)
4,000VAC (different polarity)
2,000VAC (open contacts)
Protection level
Semi-sealed
Unsealed, fully sealed
General Attributes
Switching
10A, 20A, 30A (UL ratings)
(see: Electrical service life)
40A max. (160A max. in parallel)
Dielectric strength
(50/60 Hz for 1 minute)
Characteristics
Max. Switching Capacity
(resistive load)
N/A
17,600VA, 550W
440VA, 110W (auxiliary contact block)
UL
Screw
Short Base: 55.88 H x 63.50 L x 63.50 W
(2.20 x 2.50 x 2.50)
Long Base: 60.45 H x 84.33 L x 63.50 W
(2.38 x 3.32 x 2.50)
At 30Amps:
-45ºC to +80°C (AC coil)
-45ºC to +115°C (DC coil)
1 Form A, 1Form B, 1Form C, 2 Form A,
2 Form C (long base)
Single button
5/16” diameter AgCdO2
N/A
• 30 Amp heavy duty power relay
• Class F coil insulation system for 155°C
(total temperature)
• Coil molded in DuPont Rynite® for
environmental protection
• Rugged construction rivets terminals
to base
• Magnetic blow-out option
N/A
6, 12, 24, 120, 240, 480VAC;
6, 12, 24, 48, 110VDC
9.5VA nominal; 2W nominal
100,000 min.
30A @ 28VDC/240VAC
Aluminum dust cover - sealed knock-out holes
for standard conduit fittings. Relay mounts on
pre-drilled base. Snap action cover release
127 W x 76.20 H x 101.60 D (5 x 3 x 4)
Class F
2,200Vrms, 60Hz between contacts;
2,200Vrms, 60Hz between other elements
None
30A max.
N/A
NEW!
ECbodyREADERS.indd 17
ECbodyREADERS.indd 17
7/14/06 11:23:25 PM
7/14/06 11:23:25 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com