Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 13Page - Omron Electronics LLC G6H Datasheet HTML 14Page - Omron Electronics LLC G6H Datasheet HTML 15Page - Omron Electronics LLC G6H Datasheet HTML 16Page - Omron Electronics LLC G6H Datasheet HTML 17Page - Omron Electronics LLC G6H Datasheet HTML 18Page - Omron Electronics LLC G6H Datasheet HTML 19Page - Omron Electronics LLC G6H Datasheet HTML 20Page - Omron Electronics LLC G6H Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Relays - Solid State
19
G3S/G3SD
G3M
G3TB
G3CN
Isolation
Snubber circuit
Zero crossing
No
Phototriac
Photocoupler
Optional
Phototriac (G3S)
Photocoupler (G3SD)
No
Yes (Built-in Varistor)
Phototriac
Optional
Yes
Dimensions mm (in)
26H x 33H x 14 W
(1.04 x 1.30 x .55) max.
16.5 H x 20 L x 10 W
(0.65 x 0.79 x 0.39)
20 H x 40 L x 9 W
(0.79 x 1.58 x 0.35)
Input module:
20.5 H x 43.5 L x 10 W
(0.81 x 1.70 x 0.39)
Output module:
30.5 H x 43.5 L x 10 W
(1.20 x 1.70 x 0.39)
Photocoupler
Input module: No;
Output module: Yes
Input module: No;
Output module: Yes
Approvals
UL (114), CSA (22.2)
UL, CSA
UL, CSA, TUV
UL, CSA
Life (MTTF)
100,000 hours
100,000 hours
100,000 hours
100,000 hours
Features
• Flat & vertical packages
• Ideal for FA & OA equipment
• AC and DC models available
• Socketable
• Heatsink, available
• Interchanges with G6B SPST
electrical mechanical relay
• Multi-input SSR
• Space-saving SIP design
• Ideal for high density Power
PCB applications
• High current switching
capability
• Color-coded input &
output modules
• Industry standard footprint
• 4kV dielectric strength
• LED indicator
Dielectric strength
(50/60Hz for 1 min.)
2,500VAC
2,500VAC
2,000VAC (2A versions)
2,500VAC (3A and 5A versions)
4,000VAC
Socket
N/A
P6B-04P (PCB)
N/A
N/A
Optional heat sink
N/A
Y92B-S08N
N/A
N/A
General Attributes
Switching
current (resistive)
(max.)
2A, 3A, @ 53VDC, 26VAC
1A @ 240VAC
(1.2A, G3S-PD & heatsink)
(1.1A, G3SD-PD & heatsink)
2, 3A, 5A @ 250VAC
Input module: 25mA @ 4 to 32VDC
Output module: 3mA max. @ 5 to 48VDC
3mA max. @ 100 to 240 VAC
1.5 max. @ 48 to 200 VDC
PCB
PCB
PCB
PCB
Terminal
Mounting
PCB
PCB or Socket
PCB
PCB
Equivalent Omron
EMR footprint
N/A
G6B
N/A
N/A
Output voltage
75~264VAC
3~53VDC
5, 12. 24VDC
75-264VAC
Input module: 4-32VDC;
Output module:
75-264VAC, 4-200VDC
Operating input
5, 12, 24; 3~28VDC
5, 12, 24VDC
5, 12, 24VDC
Input module:
80-264VAC, 3-32VDC;
Output module: 3-32VDC
Operating temperature
-30°C to +80°C
-30°C to +80°C
-30°C to +80°C
-30°C to +85°C
SIP
SIP
SIP
SIP
Leakage Current
(max.)
2mA (G3S)
0.1mA @ 26VDC (G3S)
2.5/5mA
2mA @ 100VAC/5mA @ 200VAC
(2Amp versions)
1.5mA @ 200VAC (3 & 5 Amp versions)
Input module: 100µA max.
Output module: 5mA @ 200VAC (AC)
1mA max. (DC)
ECbodyREADERS.indd 19
ECbodyREADERS.indd 19
7/14/06 11:23:38 PM
7/14/06 11:23:38 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com