Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC G6H Datasheet HTML 10Page - Omron Electronics LLC G6H Datasheet HTML 11Page - Omron Electronics LLC G6H Datasheet HTML 12Page - Omron Electronics LLC G6H Datasheet HTML 13Page - Omron Electronics LLC G6H Datasheet HTML 14Page - Omron Electronics LLC G6H Datasheet HTML 15Page - Omron Electronics LLC G6H Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Relays - DC Power
14
G9EA
G9EC
G9EB
General Attributes
The switching and driving sections are isolated, gas injected and hermetically sealed.
This advanced construction requires no arc space, saves space, & helps ensure safety.
Yes
Yes
Model
Classification
Features
Contact Information
Contact Form
Contact structure
Contact resistance
Switching voltage drop
*Electrical endurance
Max. switching current
Rated carry current
Short-time carry current
*Max. interruption current
*Overload interruption
Reverse polarity
interruption
Coil Information
Rated voltage
Power consumption
Mechanical endurance
Insulation resistance
Between Coil &
Contacts
Between contacts of
the same polarity
Dielectric strength
Between coil &
contacts
Between contacts of
the same polarity
Impulse withstand voltage
Ambient operating
temperature
Terminals
Screw terminals
Lead wire output
*When using a varistor as protective circuit against reverse surge in the relay coil
G9EC-1(-B)
Switching/current conduction
Largest capacity in series
Carries/switches 400V,
200A loads
SPST-NO
Double-break, single
30m! max. (0.2m! typical)
0.1V max. (for a carry current of 200A)
400VDC, 200A,
3,000 operations min.
200A
200A
300A (15min.)
1,000A @ 400VDC (10 times)
700A @ 400VDC (40 times min.)
-200A @ 200VDC
(1,000 times min.)
12, 24, 48, 60 & 100VDC
Approx. 11W
200,000 operations min.
1,000M! min.
1,000M! min.
2,500VAC for 1min.
2,500VAC for 1min.
4,500V
-40 to +50°C
(with no icing or condensation)
G9EA-1(-B)
Switching/current conduction
Standard compact model
carries/switches 400VDC, 60A loads
SPST-NO
Double-break, single
30m! max. (0.6m! typical)
0.1V max. (for a carry current of 60A)
120VDC, 100A, 3,000 operations min.
400VDC, 60A, 3,000 operations min.
400VDC, 30A, 30,000 operations min.
100A
60A
100A (10 min.)
600A @ 300VDC (5 times)
180A @ 400VDC (100 times min.)
-60A @ 200VDC (1,000 times min.)
12, 24, 48, 60 & 100VDC
Approx. 5 to 5.4W
200,000 operations min.
1,000M! min.
1,000M! min.
2,500VAC for 1min.
2,500VAC for 1min.
4,500V
-40 to +70°C
(with no icing or condensation)
G9EA-1(-B)-CA
High-current conduction
Carries 100A
Low contact resistance when
carrying current
SPST-NO
Double-break, single
10m! max. (0.3m! typical)
0.1V max. (for a carry current of 100A)
400VDC, 30A, 1,000 operations min.
120VDC, 30A, 2,500 operations min.
30A
100A
150A (10 min.)
—
100A @ 120VDC (150 times min.)
—
12, 24, 48, 60 & 100VDC
Approx. 5 to 5.4W
G9EB (-1B)
Switching/current conduction
Smallest in series
250VDC, 25A loads
SPST-NO
Double-break, single
30m! max.
0.1V max (for a carry current of 25A)
250VDC, 25A,
30,000 operations min.
25A
25A
50A (5 min.), 40A (10min.)
100A @ 250VDC (5 times)
50A @ 250VDC (50 times min.)
—
12, 24, 48, 60 & 100VDC
Approx. 2W
100,000 operations min.
1,000M! min.
1,000M! min.
2,500VAC for 1min.
2,500VAC for 1min.
4,500V
200,000 operations min.
1,000M! min.
1,000M! min.
2,500VAC for 1min.
2,500VAC for 1min.
4,500V
-40 to +70°C
(with no icing or condensation)
-40 to +70°C
(with no icing or condensation)
Yes
Yes
Yes
Yes
Yes
Yes
ECbodyREADERS.indd 14
ECbodyREADERS.indd 14
7/14/06 11:22:49 PM
7/14/06 11:22:49 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com