Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 12Page - Omron Electronics LLC G6H Datasheet HTML 13Page - Omron Electronics LLC G6H Datasheet HTML 14Page - Omron Electronics LLC G6H Datasheet HTML 15Page - Omron Electronics LLC G6H Datasheet HTML 16Page - Omron Electronics LLC G6H Datasheet HTML 17Page - Omron Electronics LLC G6H Datasheet HTML 18Page - Omron Electronics LLC G6H Datasheet HTML 19Page - Omron Electronics LLC G6H Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Relays - Solid State
18
Dimensions mm (in)
13.5 H x 24.5 L x 4.5 W
(0.53 x 0.96 x 0.18)
20.5 H x 24.5 L x 5.5 W
(0.81 x 0.96 x 0.22)
Input & Output modules:
28 H x 29 L x 13 W
(1.10 x 1.14 x 0.51)
12.5 max.H x 18.5 L x 6.5 W
(0.49 x 0.73 x 0.26) max.
Approvals
UL, CSA, VDE
UL, CSA, TUV
UL, CSA, TUV
UL, CSA
Isolation
Phototriac
Phototriac
Photocoupler, Phototriac
Phototriac
Life (MTTF)
100,000 hours
100,000 hours
100,000 hours
100,000 hours
Features
•Reduced height thin profile SIP
• Ideal for close PCB mounting
• Monoblock construction results
in ultimate reliability
• Industry standard footprint
• Space saving SIP design
• Industry standard footprint
• Monoblock construction results
in ultimate reliability
• 4 kV insulation
• Operation indicator standard
• Interchangeable with G2R
electromechanical relay
• Ideal for DIN rail mount I/O
operations
• AC/DC & AC half-wave
switching with one model
• 10µA max. leakage current
• Matches G6D form factor
Snubber circuit
Yes
Optional
Input module: No;
Output module
Yes (Built-in Varistor)
Zero crossing
Yes
Optional
Input module: No;
Output module: Yes
No
Dielectric strength
(50/60Hz for 1 min.)
2,500VAC
2,500VAC
4,000VAC
2,500VAC
Socket
N/A
N/A
P2RF-05E
P6D-04P
Optional heat sink
N/A
N/A
N/A
N/A
Equivalent Omron
EMR footprint
G2RV similar for terminal block
G2RV similar for terminal block
G2R
G3MB
G3R I/O
G3DZ
G3MC
General Attributes
Switching
current (resistive)
2A @ 240VAC
2A @ 240VAC
Input module: 100mA;
Output module: 2A
0.6A @ 240VAC
PCB
PCB
Plug-in
PCB
Terminal
Mounting
PCB
PCB
Socket
PCB or Socket
G6D, G6DS
Output voltage
75-264VAC
75-264VAC
Input module: 4-32VDC;
Output module:
75-264VAC, 4-200VDC
5, 12, 24VDC
Operating input
5, 12, 24VDC
5, 12, 24VDC
Input module: 5VDC;
6.6-32VDC; 60-264VAC;
Output module: 4-32VDC
5, 12, 24VDC
Operating temperature
-30ºC to +80°C
-30ºC to +80°C
-30ºC to +80°C
-30ºC to +85°C
SIP
SIP
DIP
DIP
Leakage Current
(max.) 1.5mA (at 200VAC)
1.5mA (at 200VAC)
Input Module: 5µA
Output Module: 1.5mA (AC)
1mA (DC)
10µA (at 125VDC)
ECbodyREADERS.indd 18
ECbodyREADERS.indd 18
7/14/06 11:23:32 PM
7/14/06 11:23:32 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com