Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6H Datasheet HTML 1Page - Omron Electronics LLC G6H Datasheet HTML 2Page - Omron Electronics LLC G6H Datasheet HTML 3Page - Omron Electronics LLC G6H Datasheet HTML 4Page - Omron Electronics LLC G6H Datasheet HTML 5Page - Omron Electronics LLC G6H Datasheet HTML 6Page - Omron Electronics LLC G6H Datasheet HTML 7Page - Omron Electronics LLC G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Relays - Low Signal
6
G6J-Y
G6K
G6H
G6S
G6A
General Attributes
Dimensions mm (in)
5.30 H x 10.20 L x 6.70 W
(0.21 x 0.40 x 0.26)
10.0 H x 10.6 L x 5.7 W
(0.39 x 0.42 x 0.22)
5.08 H x 13.97 L x 8.89 W
(0.20 x 0.55 x 0.35)
9.40 H x 15 L x 7.50 W
(0.37 x 0.59 x 0.30)
8.40 H x 20.20 L x 10.10 W
(0.33 x 0.80 x 0.40)
Switching
1A max.
1A max.
1A max.
2A max.
2A max.
Features
Contact Information
Contact form
2 Form C
2 Form C
2 Form C
2 Form C
2 Form C, 4 Form C
Contact type
Bifurcated crossbar
Bifurcated crossbar
Bifurcated crossbar
Bifurcated crossbar
Bifurcated crossbar
Rated load
(under resistive load)
0.3A @ 125VAC,
1A @ 30VDC
0.3A @ 125VAC,
1A @ 30VDC
0.5A @ 125VAC,
1A @ 30VDC
0.5 @ 125VAC,
2A @ 30VDC
Contact material
Ag with Au clad
Ag with Au alloy clad
Ag with Au clad
Ag with Au clad;
AgPd with Au clad
Ag with Au clad;
AgPd with Au clad
Max. operating voltage
125VAC, 60VDC
125VAC, 110VDC
125VAC, 110VDC
250VAC, 220VDC
250VAC, 220VDC
Max. switching capacity
under resistive load
37.5VA, 30W
37.5VA, 30W (NO)
62.5VA, 33W
62.5VA, 60W
125VA, 60W
Min. electrical service life
(operations at rated load)
100,000
100,000
100,000
100,000
500,000
Min. permissible load
(for reference only)
10µA @ 10mVDC
10µA @ 10mVDC
10µA @ 10mVDC
10µA @ 10mVDC
10µA @ 10mVDC
Coil Information
Coil voltage
3, 4.5, 5, 6, 9, 12, 24VDC
3, 4.5, 5, 12, 24VDC
3, 5, 6, 9, 12, 24, 48VDC
3, 4.5, 5, 6, 9, 12, 24VDC
3, 5, 6, 9, 12, 24, 48VDC
Surge withstand
2.5kV (2 x 10µs)
2.5kV (2 x 10µs)
1.5kV (10 x 160µs)
2.5kV (2 x 10µs)
1.5kV (10 x 160µs)
Power consumption
100mW
(standard and latching)
140mW
(230mW for DC24)
140mW (standard)
140mW (standard)
140mW,200mW (latching)
200mW (DPDT standard)
180mW (DPDT latching)
360mW (4PDT standard)
Characteristics
Dielectric strength
between coil & contacts
(50/60 Hz for 1 minute)
1,500VAC
1,500VAC
1,000VAC
2,000VAC
1,000VAC
Terminal choices
SMT Gullwing,
SMT Inside-L, PCB
SMT Gullwing, PCB
PCB (G6H),
SMT Gullwing (G6H-2F)
SMT Gullwing,
SMT Inside-L, PCB
PCB
Packaging
Tape & reel available
Tape & reel available
Tape & reel available
Tape & reel available
–
Approved standards
Bellcore 2.5kV / Telcordia
GR-1089-CORE 2.5kV
between coil and contacts
Bellcore 2.5kV / Telcordia
GR-1089-CORE 2.5kV
between coil and contacts
UL, CSA, (FCC Part 68)
Bellcore 2.5 kV / Telcordia
GR-1089-CORE 2.5 kV
(between coil and contacts)
UL, CSA, (FCC Part 68)
• Slimline, 2 Form C,
1 Amp relay
• SMT & PCB versions
• 2.5kV surge withstand
• Available in SMT & PCB
• Latching & non-latching
versions
• Ideal for Telecom, Test &
Measurement, Medical,
Security, Computer
Peripheral, Office
Automation
• Small real estate,
2 Form C, 1 Amp relay
• 100mW power
consumption
• 2.5kV surge withstand
• SMT & PCB versions
• Latching & non-latching
models
• Ideal for Telecom,
Test & Measurement,
Medical, Security, Office
Automation, Computer
Peripheral
• Low profile (5mm),
2 Form C, 1 Amp relay)
• Available in SMT & PCB
• 1.5kV surge withstand
• 140mW power
consumption
• Ideal for Telecom,
Test & Measurement,
Medical, Security, Office
Automation, Computer
Peripheral
• Industry standard,
2 Form C, 2 Amp relay
• 2.5 kV surge withstand
• SMT gullwing, SMT
inside-L, PCB models
• Latching & non-latching
versions
• European version
available (supplemen-
tary insulation at 250V
at pollution degree 2 per
EN60950/EN41003)
• Ideal for Telecom,
Thermostats, Medical,
Test & Measurement,
Security
• Industry standard,
2 Form C, 2 Amp relay
• 200mW, 400mW
versions
• 2 Pole & 4 Pole models
• Latching & non-latching
versions
• 1.5kV surge withstand
• Ideal for Telecom, Test
& Measurement,
Security
0.3A to 0.5A @ 125VAC,
1A to 2A @ 30VDC
ECbodyREADERS.indd 6
ECbodyREADERS.indd 6
7/23/06 6:42:10 PM
7/23/06 6:42:10 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com