Electronic Components Datasheet Search
  English  ▼

X  

G6H Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 13Page - Omron Electronics LLC G6H Datasheet HTML 14Page - Omron Electronics LLC G6H Datasheet HTML 15Page - Omron Electronics LLC G6H Datasheet HTML 16Page - Omron Electronics LLC G6H Datasheet HTML 17Page - Omron Electronics LLC G6H Datasheet HTML 18Page - Omron Electronics LLC G6H Datasheet HTML 19Page - Omron Electronics LLC G6H Datasheet HTML 20Page - Omron Electronics LLC G6H Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Relays - Solid State
20
G3TC
G3NA
G3NE
Dimensions mm (in)
Features
11.5 H x 47 L x 37.5 W
(0.45 x 1.90 x 1.50)
• High capacity
• Panel Mount
• Quick-connect terminals
31.8 H x 43.2 L x 15.2 W
(1.25 x 1.7 x 0.6)
• Color-coded modules
• Industry standard footprint
• Built-in anchor screw
• Optical isolation – Dielectric 4kV
• Zero cross on AC output
modules
27 H x 58 L x 43 W
(1.06 x 2.28 x 1.69)
• Ideal for industrial controls &
commercial cooking
• "Hockey Puck" standard
• Operation indicator standard
General Attributes
Switching
current (resistive)
(max.)
20A max.@ 240VAC
(264VAC max.)
Input Module:
12mA, 15mA, or 18mA
(depending on model)
Output Module:
3A (1A on DC output models
rated< 200VDC)
Versions range from 10A
to 90A max. (when using heat
sink)
Output voltage
75-264VAC
Input Module: 4.5-6VDC,
12-18VDC, 20-30VDC
Output Module: 75-140 VAC,
75-280VAC, 5-60 VDC,
5-200VDC
19 - 264VAC
180 - 528VAC
4 - 220VDC (10A model)
400 - 600VAC (10, 25, 50A
models)
Operating input
5, 12, 24VDC
Input Module:
90-140VDC/AC, 180-280 VDC/AC,
10-32VDC/AC
Output Module:
5, 15, 24VDC
4-32VDC; 75-264VAC
Operating temperature
-30ºC to +80°C
-30ºC to +80°C
-30ºC to +80°C
SIP
Quick Connect
Quick Connect
G3PA/B
Consult Omron
• Built-in heat sink increases
life and reliability
• Voltage turn-on at zero cross-
ing reduces initial inrush load
currents
• LED indicator when control
power applied
Isolation
Life (MTTF)
Mounting
Snubber circuit
Dielectric strength
(50/60Hz for 1 min.)
Zero crossing
Approvals
Socket
Mounting plate
UL, CSA, TUV
100,000 hours
Plug-in
Yes (built in varistor)
2,000VAC
Phototriac
Optional
N/A
UL, CSA, TUV, CE
100,000 hours
PCB with anchor screw
4,000VAC
AC Input, DC Input, DC Output:
Photocoupler
AC Output: Phototriac
Yes (AC output
modules only)
Yes (AC output
modules only)
Mounting plate
UL, CSA, TUV
100,000 hours
Panel
2,500VAC
4000VAC (75 and 90A models)
Phototriac, Photocoupler
Yes
Yes
Quick connect
PCB
Screw
Optional heat sink
Y92B-N50, -N100
N/A
Y92B-A
,-B
,-P
Equivalent Omron
EMR footprint
N/A
N/A
N/A
Terminal
PFP-xxx
UL, CSA, TUV, VDE
100,000 hours
Panel, DIN
G3PA: 4,000VAC
G3PB: 2,500VAC
Phototriac
Yes
Yes
Screw
N/A
N/A
up to 45A
75 - 264VAC
180 - 528VAC
12-24VDC
-30ºC to +80°C
Leakage Current
(max.)
Input Module: 100µA
AC Output Modules: 5mA @ 240VAC
2.5mA @ 120VAC
DC Output Modules: 1mA
2mA (at 100VAC)
5mA (at 200VAC)
5mA @ 100VAC
10mA @ 200VAC
20mA @ 400VAC
10mA @ 200VAC
20mA @ 400VAC
ECbodyREADERS.indd 20
ECbodyREADERS.indd 20
7/14/06 11:23:44 PM
7/14/06 11:23:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com