Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button NP0201 Datasheet HTML 3Page - YAGEO Corporation NP0201 Datasheet HTML 4Page - YAGEO Corporation NP0201 Datasheet HTML 5Page - YAGEO Corporation NP0201 Datasheet HTML 6Page - YAGEO Corporation NP0201 Datasheet HTML 7Page - YAGEO Corporation NP0201 Datasheet HTML 8Page - YAGEO Corporation NP0201 Datasheet HTML 9Page - YAGEO Corporation NP0201 Datasheet HTML 10Page - YAGEO Corporation NP0201 Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
7
23
Product specification
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 4 Sizes from 0402 to 0805 (continued)
CAP.
0402
0603
0805
Last 2-digit of
12NC
100 V
100 V
200 V
250 V
100 V
200 V
250 V
500 V
100 pF
36
0.5±0.05
120 pF
37
150 pF
38
180 pF
39
0.6±0.1
0.6±0.1
0.6±0.1
220 pF
41
270 pF
42
330 pF
43
390 pF
44
470 pF
45
0.8±0.1
0.8±0.1
0.85±0.1
560 pF
46
680 pF
47
820 pF
48
1.0 nF
49
0.8±0.1
0.6±0.1
0.85±0.1
0.85±0.1
1.2 nF
51
1.25±0.2
1.5 nF
52
1.8 nF
53
1.25±0.2
1.25±0.2
2.2 nF
54
2.7 nF
55
3.3 nF
56
3.9 nF
57
4.7 nF
58
5.6 nF
59
6.8 nF
61
8.2 nF
62
10 nF
63
1.25±0.2
12 nF
64
15 nF
65
18 nF
66
22 nF
67
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com