Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 21 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 21 Page - YAGEO Corporation

Back Button NP0201 Datasheet HTML 15Page - YAGEO Corporation NP0201 Datasheet HTML 16Page - YAGEO Corporation NP0201 Datasheet HTML 17Page - YAGEO Corporation NP0201 Datasheet HTML 18Page - YAGEO Corporation NP0201 Datasheet HTML 19Page - YAGEO Corporation NP0201 Datasheet HTML 20Page - YAGEO Corporation NP0201 Datasheet HTML 21Page - YAGEO Corporation NP0201 Datasheet HTML 22Page - YAGEO Corporation NP0201 Datasheet HTML 23Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
21
23
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
No visual damage
∆C/C
Class 1:
NP0: within ±1% or 1 pF, whichever is greater
Class2:
X7R: ±15%
Rapid Change
of
Temperature
IEC 60384-
21/22
4.11
Preconditioning;
150 +0/–10 °C for 1 hour, then keep for
24 ±1 hours at room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ±2 hours
D.F. meet initial specified value
Rins meet initial specified value
No visual damage after recovery
Damp Heat
4.13
1.
Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ±1 hour at room temp
2.
Initial measure:
Spec: refer initial spec C, D, IR
3.
Damp heat test:
500 ±12 hours at 40 ±2 °C;
90 to 95% R.H.
4.
Recovery:
Class 1: 6 to 24 hours
Class 2: 24 ±2 hours
5.
Final measure: C, D, IR
P.S. If the capacitance value is less than the
minimum value permitted, then after the
other measurements have been made the
capacitor shall be precondition according to
“IEC 60384 4.1” and then the requirement
shall be met.
∆C/C
Class 1:
NP0: within ±2% or 1 pF, whichever is greater
Class2:
X7R: ±15%
D.F.
Class 1:
NP0: ≤ 2 x specified value
Class2:
X7R: ≥ 25 V: ≤ 5%
Rins
Class 1:
NP0: ≥ 2,500 MΩ or Rins x Cr ≥ 25s whichever is less
Class2:
X7R: ≥ 500 MΩ or Rins x Cr ≥ 25s whichever is less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com