Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 3 Page - YAGEO Corporation

  NP0201 Datasheet HTML 1Page - YAGEO Corporation NP0201 Datasheet HTML 2Page - YAGEO Corporation NP0201 Datasheet HTML 3Page - YAGEO Corporation NP0201 Datasheet HTML 4Page - YAGEO Corporation NP0201 Datasheet HTML 5Page - YAGEO Corporation NP0201 Datasheet HTML 6Page - YAGEO Corporation NP0201 Datasheet HTML 7Page - YAGEO Corporation NP0201 Datasheet HTML 8Page - YAGEO Corporation NP0201 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
3
23
Product specification
2 2 X X
X X
X
X
1
X
X X
Carrier type
22 = blister
38 = paper/PE
50 = blister (
≥ 1 KV)
54 = bulk
Voltage
60 = 100 V
93 = 200 V
83 = 250 V
97 = 500 V
98 = 630 V
Size
7 = 0402
6 = 0603
0 = 0805
1 = 1206
2 = 1210
3 = 1808
4 = 1812
Capacitance value(1)
Tolerance
4 =
±2%
5 =
±5%
TC material
1 = NP0
Packaging(3)
1 = reel:
∅180 mm; 7"
5 = reel:
∅330 mm; 13"
4 = bulk case
YNM0031
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are
acceptable to order Phycomp brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
Ordering information for NP0 100 V to 630 V, C ≥ 10 pF
Ordering information for NP0 100 V to 630 V, C < 10 pF
2 2 X X X X X X X X X X
Carrier type
92 = paper/PE
97 = bulk case
Voltage
60 = 100 V
93 = 200 V
83 = 250 V
97 = 500 V
98 = 630 V
Size
7 = 0603
1 = 0805
3 = 1206
2 = 1210
4 = 1808
5 = 1812
Capacitance value(2)
Tolerance
4 =
±0.25 pF for 5 pF ≤ C < 10 pF
±2% for C ≥ 10 pF
5 =
±0.25 pF for C < 5 pF
±0.5 pF for 5 pF ≤ C < 10 pF
±5% for C ≥ 10 pF
YNM0032
Packaging(3)
1 = reel:
∅180 mm; 7"
7 = reel:
∅330 mm; 13"
4 = bulk case
(1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR NP0"
(2) Please refer to "Last 3-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR NP0"
(3) Quantity on reel depends on thickness classification; see table 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com